Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2304N Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP2304N
Description  N-CHANNEL ENHANCEMENT MODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2304N Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP2304N Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2304N Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2304N Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2304N Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP2304N
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0
2
4
6
8
10
024
6
8
10
V DS , Drain-to-Source Voltage (V)
T A =25
o C
V GS =3V
V GS =10V - 5V
V GS =4V
0
2
4
6
8
10
024
68
10
V DS , Drain-to-Source Voltage (V)
T A =150
o C
V GS =4V
V GS =10V - 5V
V GS =3V
0
100
200
300
400
500
600
700
024
6
8
10
V GS , Gate-to-Source Voltage (V)
I D =2A
T A =25 ℃
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
V GS =10V
I D =2.5A
0
1
10
0.1
0.5
0.9
1.3
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
1.45
1.65
1.85
2.05
2.25
-50
0
50
100
150
T j , Junction Temperature (
o C)


Similar Part No. - AP2304N

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2304AGN A-POWER-AP2304AGN Datasheet
102Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2304AGN-HF A-POWER-AP2304AGN-HF Datasheet
92Kb / 4P
   Simple Drive Requirement, Small Package Outline
AP2304AGN-HF A-POWER-AP2304AGN-HF_14 Datasheet
92Kb / 4P
   Simple Drive Requirement
AP2304AGN-HF A-POWER-AP2304AGN-HF_16 Datasheet
63Kb / 5P
   Simple Drive Requirement
AP2304AN A-POWER-AP2304AN Datasheet
102Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP2304N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com