Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3310H Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP3310H
Description  P-CHANNEL ENHANCEMENT MODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP3310H Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP3310H Datasheet HTML 1Page - Advanced Power Electronics Corp. AP3310H Datasheet HTML 2Page - Advanced Power Electronics Corp. AP3310H Datasheet HTML 3Page - Advanced Power Electronics Corp. AP3310H Datasheet HTML 4Page - Advanced Power Electronics Corp. AP3310H Datasheet HTML 5Page - Advanced Power Electronics Corp. AP3310H Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AP3310H/J
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-20
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=-1mA
-
-0.1
-V/℃
RDS(ON)
Static Drain-Source On-Resistance
VGS=-4.5V, ID=-2.8A
-
-
150
VGS=-2.5V, ID=-2.0A
-
-
250
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-0.5
-
-
V
gfs
Forward Transconductance
VDS=-5V, ID=-2.8A
-
4.4
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-20V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=150
oC)
VDS=-16V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS=-
-
nA
Qg
Total Gate Charge
2
ID=-2.8A
-
6
-
nC
Qgs
Gate-Source Charge
VDS=-6V
-
1.5
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-5V
-
0.6
-
nC
td(on)
Turn-on Delay Time
2
VDS=-6V
-
25
-
ns
tr
Rise Time
ID=-1A
-
60
-
ns
td(off)
Turn-off Delay Time
RG=6Ω,VGS=-5V
-
70
-
ns
tf
Fall Time
RD=6Ω
-60
-
ns
Ciss
Input Capacitance
VGS=0V
-
300
-
pF
Coss
Output Capacitance
VDS=-6V
-
180
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
60
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
IS
Continuous Source Current ( Body Diode )
VD=VG=0V , VS=-1.2V
-
-
-10
A
ISM
Pulsed Source Current ( Body Diode )
1
-
-
-24
A
VSD
Forward On Voltage
2
Tj=25℃, IS=-10A, VGS=0V
-
-
-1.2
V
Notes:
1.Pulse width limited by safe operating area.
2.Pulse width <300us , duty cycle <2%.
± 12V
±100


Similar Part No. - AP3310H

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GH A-POWER-AP3310GH Datasheet
170Kb / 6P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3310GH-HF A-POWER-AP3310GH-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, 2.5V Gate Drive Capability
AP3310GH-HF A-POWER-AP3310GH-HF_14 Datasheet
111Kb / 6P
   Simple Drive Requirement
AP3310GH-HF A-POWER-AP3310GH-HF_16 Datasheet
108Kb / 7P
   Simple Drive Requirement
AP3310GHJ A-POWER-AP3310GHJ Datasheet
170Kb / 6P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP3310H

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
   P-Channel Enhancement-Mode P-Channel Enhancement-Mode
logo
Advanced Power Electron...
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
logo
Unisonic Technologies
UT3401Z UTC-UT3401Z Datasheet
307Kb / 5P
   P-CHANNEL ENHANCEMENT MODE
UT4411 UTC-UT4411 Datasheet
267Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
   P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
   P-Channel Enhancement Mode
logo
Unisonic Technologies
UT9435 UTC-UT9435 Datasheet
192Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com