Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4305 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # PE4305
Description  50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4305 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  PE4305 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Product Specification
PE4305
Page 4 of 11
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70/0159~02C
│ UltraCMOS™ RFIC Solutions
Figure 12. 1 dB Compression vs. Frequency
Figure 13. Input IP3 vs. Frequency
Figure 11. Attenuation Error vs. Attenuation
Setting at
2010 MHz and 2510 MHz
Typical Performance Data (25°C, VDD=3.0 V)
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0246
8
10
12
14
16
2010 MHz @ 25 C
2510 MHz @ 25 C
2010 MHz @ -40 C
2510 MHz @ -40 C
2010 MHz @ 85 C
2510 MHz @ 85 C
Attenuation State (dB)
20
25
30
35
40
1000
1500
2000
2500
3000
0 dB
0.5 dB
1 dB
2 dB
Frequency (MHz)
20
25
30
35
40
45
50
55
60
500
1000
1500
2000
2500
3000
0 dB
0.5 dB
1 dB
2 dB
4 dB
8 dB
15.5 dB
Frequency (MHz)


Similar Part No. - PE4305

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4305 PASTERNACK-PE4305 Datasheet
317Kb / 3P
   TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
   50 廓 RF Digital Attenuator
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 10P
   RF Digital Attenuator
PE4305DS PEREGRINE-PE4305DS_15 Datasheet
460Kb / 10P
   RF Digital Attenuator
More results

Similar Description - PE4305

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
   75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE43072 PEREGRINE-PE43072 Datasheet
464Kb / 11P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com