Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4306-EK Datasheet(PDF) 9 Page - Peregrine Semiconductor Corp.

Part # PE4306-EK
Description  50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4306-EK Datasheet(HTML) 9 Page - Peregrine Semiconductor Corp.

Back Button PE4306-EK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4306-EK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4306-EK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4306-EK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4306-EK Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4306-EK Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4306-EK Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4306-EK Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE4306-EK Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Product Specification
PE4306
Page 9 of 11
Document No. 70-0160-04
│ www.psemi.com
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Figure 19. Package Drawing
1.00
2.00
0.23
0.10
C A B
EXPOSED PAD
DETAIL A
16
15
11
5
1
6
20
10
2
1
DETAIL A
0.18
0.435
SEATING
PLANE
0.08 C
0.10 C
EXPOSED PAD &
TERMINAL PADS
- C -
2.00 X 2.00
2.00
4.00
- B -
- A -
INDEX AREA
0.25 C
1. Dimension applies to metallized terminal and is measured
between 0.25 and 0.30 from terminal tip.
2. Coplanarity applies to the exposed heat sink slug as well as
the terminals.
3. Dimensions are in millimeters.


Similar Part No. - PE4306-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Pasternack Enterprises,...
PE4306 PASTERNACK-PE4306 Datasheet
222Kb / 3P
   TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
logo
Peregrine Semiconductor
PE4306 PSEMI-PE4306 Datasheet
457Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4306 PASTERNACK-PE4306 Datasheet
316Kb / 3P
   TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
More results

Similar Description - PE4306-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
PE4308 PEREGRINE-PE4308 Datasheet
519Kb / 11P
   75 Ohm RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE43072 PEREGRINE-PE43072 Datasheet
464Kb / 11P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
logo
Tyco Electronics
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
   Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com