Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP180N55 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP180N55
Description  N-CHANNEL 55V - 2.9m-ohm - 120A - D-2 PAK - TO-220 MDmesh-TM Low Voltage Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP180N55 Datasheet(HTML) 2 Page - STMicroelectronics

  STP180N55 Datasheet HTML 1Page - STMicroelectronics STP180N55 Datasheet HTML 2Page - STMicroelectronics STP180N55 Datasheet HTML 3Page - STMicroelectronics STP180N55 Datasheet HTML 4Page - STMicroelectronics STP180N55 Datasheet HTML 5Page - STMicroelectronics STP180N55 Datasheet HTML 6Page - STMicroelectronics STP180N55 Datasheet HTML 7Page - STMicroelectronics STP180N55 Datasheet HTML 8Page - STMicroelectronics STP180N55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1 Electrical ratings
STP180N55 - STB180N55
2/11
1
Electrical ratings
Table 1.
Absolute maximum ratings
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS=0)
55
V
VGS
Gate-Source Voltage
± 20
V
ID Note 1
Drain Current (continuous) at TC = 25°C
120
A
ID Note 1
Drain Current (continuous) at TC = 100°C
120
A
IDM Note 2
Drain Current (pulsed)
480
A
PTOT
Total Dissipation at TC = 25°C
315
W
Derating Factor
2.1
W/°C
dv/dt
Peak Diode Recovery voltage slope
TBD
V/ns
EAS Note 4 Single Pulse Avalanche Energy
TBD
mJ
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 175
°C
TO-220
D²PAK
Unit
Rthj-case
Thermal Resistance Junction-case
0.48
°C/W
Rthj-a
Thermal Resistance Junction-ambient Max
62.5
--
°C/W
Rthj-pcb
Note 5
Thermal Resistance Junction-ambient Max
--
35
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
300
--
°C


Similar Part No. - STP180N55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP180N55F3 STMICROELECTRONICS-STP180N55F3 Datasheet
440Kb / 14P
   N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
logo
VBsemi Electronics Co.,...
STP180N55F3 VBSEMI-STP180N55F3 Datasheet
1Mb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STP180N55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB160N75F3 STMICROELECTRONICS-STB160N75F3 Datasheet
361Kb / 13P
   N-channel 75V - 3.5m ohm - 120A - TO-220 - TO-247 - D2PAK MDmesh TM low voltage Power MOSFET
STB150NF55 STMICROELECTRONICS-STB150NF55 Datasheet
551Kb / 14P
   N-CHANNEL 55V - 0.005 ohm -120A D짼PAK/TO-220/TO-247 STripFET??II POWER MOSFET
October 2002
STB185N55 STMICROELECTRONICS-STB185N55 Datasheet
223Kb / 12P
   N-channel 55V - 2.9mohm - 120A - D2PAK/TO-220
STB185N55F3 STMICROELECTRONICS-STB185N55F3 Datasheet
335Kb / 14P
   N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
STB180N55F3 STMICROELECTRONICS-STB180N55F3 Datasheet
440Kb / 14P
   N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
logo
Xian Semipower Electron...
SW630A SEMIPOWER-SW630A Datasheet
453Kb / 5P
   N-channel TO-220/D-PAK MOSFET
SW50N06T SEMIPOWER-SW50N06T Datasheet
747Kb / 6P
   N-channel D-PAK/TO-220 MOSFET
logo
STMicroelectronics
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
   N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
STP80NF55L-06 STMICROELECTRONICS-STP80NF55L-06 Datasheet
83Kb / 8P
   N - CHANNEL 55V - 0.005 ohm - 80A TO-220 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com