Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9303-EK Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE9303-EK
Description  3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE9303-EK Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE9303-EK Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE9303-EK Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE9303-EK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE9303-EK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE9303-EK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE9303-EK Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document No. 70-0052-02 │ www.psemi.com
Page 1 of 9
©2003-2012 Peregrine Semiconductor Corp. All rights reserved.
The PE9303 is a high performance monolithic
UltraCMOS® prescaler with a fixed divide ratio of 8. Its
operating frequency range is 1.5 GHz to 3.5 GHz. The
PE9303 operates on a nominal 3V supply and draws only
14 mA. It is packaged in a small 8-lead pre-formed flat
pack and is ideal for space applications.
The PE9303 is manufactured on Peregrine’s UltraCMOS®
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the
performance of GaAs with the economy and integration of
conventional CMOS.
Product Specification
1.5 - 3.5 GHz Low Power UltraCMOS®
Divide-by-8 Prescaler
Rad-hard for Space Application
Product Description
Figure 1. Functional Diagram
Features

High-frequency operation
1.5 - 3.5 GHz

Fixed divide ratio of 8

Low-power operation
14 mA typical @ 3V across frequency

Small package
8-lead formed flat pack

Available as Die
Table 1. Electrical Specifications @ +25 °C (ZS = ZL = 50 Ω)
PE9303
Figure 2. Package Type
8-lead CSOIC
Parameter
Minimum
Typical
Maximum
Units
Supply Voltage
2.85
3.0
3.15
V
Supply Current
14
17
mA
Input Frequency (FIN)
1.5
3.5
GHz
Input Power (PIN)
-10
+5
dBm
Output Power
-5
dBm
D
QB
Q
CLK
D
QB
Q
CLK
Pre-Amp
Output
Buffer
IN
OUT
D
QB
Q
CLK
71-0062-01


Similar Part No. - PE9303-EK

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9303 PASTERNACK-PE9303 Datasheet
249Kb / 3P
   SMC Plug to SMC Jack Right Angle Adapter
logo
Peregrine Semiconductor
PE9303 PSEMI-PE9303 Datasheet
211Kb / 9P
   1.5 - 3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Rad-hard for Space Application
logo
Peregrine Semiconductor...
PE9303 PEREGRINE-PE9303 Datasheet
211Kb / 9P
   1.5 - 3.5 GHz Low Power UltraCMOS
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
   Divide-by-8 Prescaler
More results

Similar Description - PE9303-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301 Datasheet
556Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
logo
Peregrine Semiconductor
PE9303 PSEMI-PE9303 Datasheet
211Kb / 9P
   1.5 - 3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Rad-hard for Space Application
logo
Peregrine Semiconductor...
PE83503 PEREGRINE-PE83503 Datasheet
246Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
   13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
logo
Peregrine Semiconductor
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9304 PSEMI-PE9304 Datasheet
216Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com