Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9313-00 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # 9313-00
Description  1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9313-00 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  9313-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9313-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9313-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9313-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9313-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9313-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9313-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Product Specification
PE9313
Page 6 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0120-02
│ UltraCMOS™ RFIC Solutions
TOP VIEW
.050 TYP
.015 TYP
.150 TYP
.380 / .410
.210 / .250
.180 SQ MAX
Pin 1
SIDE VIEW
.070 MAX
Table 4. Ordering Information
Order Code
Part Marking
Description
Package
Shipping
Method
9313-01
PE9313
PE9313-08CFPG-B Engineering Samples
Gullwing Glass Flatpack
50 / Tray
9313-11
PE9313
PE9313-08CFPG-B Production Units
Gullwing Glass Flatpack
50 / Tray
9313-00
PE9313-EK
PE9313 Evaluation Kit
Evaluation Kit
1 / Box
8-lead CSOIC
Figure 10. Package Drawing


Similar Part No. - 9313-00

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9313 KEYSTONE-9313 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9313 HEYCO-9313 Datasheet
152Kb / 2P
   Snap Rivets
logo
KISTLER INSTRUMENT CORP...
9313AA1 KISTLER-9313AA1 Datasheet
206Kb / 4P
   Press Force Sensor 0 … 50 N to 0 … 20 kN
9313AA2 KISTLER-9313AA2 Datasheet
206Kb / 4P
   Press Force Sensor 0 … 50 N to 0 … 20 kN
9313AAX KISTLER-9313AAX Datasheet
206Kb / 4P
   Press Force Sensor 0 … 50 N to 0 … 20 kN
More results

Similar Description - 9313-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
   13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com