Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL100PR Datasheet(PDF) 7 Page - Zarlink Semiconductor Inc

Part # WL100PR
Description  WLAN INTERFACE CIRCUIT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

WL100PR Datasheet(HTML) 7 Page - Zarlink Semiconductor Inc

Back Button WL100PR Datasheet HTML 3Page - Zarlink Semiconductor Inc WL100PR Datasheet HTML 4Page - Zarlink Semiconductor Inc WL100PR Datasheet HTML 5Page - Zarlink Semiconductor Inc WL100PR Datasheet HTML 6Page - Zarlink Semiconductor Inc WL100PR Datasheet HTML 7Page - Zarlink Semiconductor Inc WL100PR Datasheet HTML 8Page - Zarlink Semiconductor Inc WL100PR Datasheet HTML 9Page - Zarlink Semiconductor Inc WL100PR Datasheet HTML 10Page - Zarlink Semiconductor Inc WL100PR Datasheet HTML 11Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
WL100
7
CONFIGURATION REGISTERS
Tables 3, 4, and 5, together with Figs. 8 and 9, describe the
configuration registers of the WL100.
Table 3 describes the configuration registers that control
Clock Recovery and CCA; Table 4 describes the registers con-
trolling the Preamble Generator and Data Recovery mechanism
and Table 5 describes other programmable resources.
Bits
Register
Definition
JT (1:0)
NT (1:0)
BS (1:0)
ADDR 1A
ADDR 1A
ADDR 19
Jitter tolerance for the incoming data (maximum deviation from an ideal pulse.
when pulse is still considered valid). Three options.
Noise tolerance (number of occurrences of invalid data until the noise flag is
raised). Four options.
Bit stuffing algorithm. Four options.
9
9
9
Bits
Register
Definition
Fig.
ADDR 18
ADDR 13
ADDR 12
ADDR 19
ADDR 1A
ADDR 13
ADDR 14, 15, 16, 17
Number of Sync Words to be transmitted.
Number of bits in a Sync Word.
Sync Word bit pattern.
Number of Sync Words to be recovered before the Receiver is considered to be
in sync with the Transmitter.
Indicates if single bit errors are allowed before Frame Delimiter after
synchronisation has been achieved.
Number of bits in the Frame Delimiter.
Frame Delimiter bit pattern.
9
8
8
9
9
9
8
TSW (7:0)
BSW (2:0)
SW (7:0)
NSW (2:0)
BE (0)
BFW (4:0)
FW(31:0)
Table 4 Configuration registers controlling the Preamble Generator and the Data Recovery mechanism
Bits
Register
Definition
Fig.
ADDR 10,11
ADDR 19
ADDR 1A
Time limit for achieving synchronisation (0-216 C_CLK clock cycles).
Specifies required oversampling clock rate.
Specifies thresholds for Almost Full and Almost Empty FIFO flags.
8
9
9
ST (15:0)
DR(2:0)
FL(1:0)
Table 5 Other programmable resources
Table 3 Clock Recovery and CCA configuration registers
Fig.
Function
Manual
Auto
MAN (ADDR 00, bit 1)
ANTSEL (pin 52)
0
1
ANT 2 (ADDR 00, bit 2)
AUT 2 (ADDR 04, bit 7)
Table 6 Antenna selection table


Similar Part No. - WL100PR

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL100-2N1429 SICK-WL100-2N1429 Datasheet
829Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2N1432S06 SICK-WL100-2N1432S06 Datasheet
852Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2N1439 SICK-WL100-2N1439 Datasheet
852Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2N3429 SICK-WL100-2N3429 Datasheet
837Kb / 7P
   Photoelectric retro-reflective sensor
WL100-2N3439 SICK-WL100-2N3439 Datasheet
859Kb / 7P
   Photoelectric retro-reflective sensor
More results

Similar Description - WL100PR

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9171 ZARLINK-MT9171_06 Datasheet
553Kb / 28P
   Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
National Semiconductor ...
LM2601 NSC-LM2601 Datasheet
130Kb / 6P
   Adapter Interface Circuit
logo
Hitachi Semiconductor
HA16662MP HITACHI-HA16662MP Datasheet
279Kb / 12P
   HDD Interface Circuit
logo
Toshiba Semiconductor
RN1410 TOSHIBA-RN1410 Datasheet
177Kb / 5P
   Switching, Inverter Circuit, Interface Circuit
logo
Texas Instruments
TLC32040M TI-TLC32040M Datasheet
202Kb / 30P
[Old version datasheet]   ANALOG INTERFACE CIRCUIT
logo
Fairchild Semiconductor
FJV4103RMTF FAIRCHILD-FJV4103RMTF Datasheet
61Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
FJV3106RMTF FAIRCHILD-FJV3106RMTF Datasheet
94Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
FJX4002RTF FAIRCHILD-FJX4002RTF Datasheet
48Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
logo
Realtek Semiconductor C...
RTL8189EM-CG REALTEK-RTL8189EM-CG Datasheet
433Kb / 21P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
logo
Richtek Technology Corp...
RTL8189ETV RICHTEK-RTL8189ETV Datasheet
647Kb / 23P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com