Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9704-11 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # 9704-11
Description  3.0 GHz Integer-N PLL for Rad Hard Apllications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9704-11 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  9704-11 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 9704-11 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PE9704
Advance Information
Copyright
Peregrine Semiconductor Corp. 2003
File No. 70/0083~00B
| | UTSi  CMOS RFIC SOLUTIONS
Page 2 of 12
11
12
13
14
15
16
17
10
9
8
7
6
5
4
3
2
1 44 43 42 41 40
35
34
33
32
31
30
29
36
37
38
39
18 19 20 21 22 23 24 25 26 27 28
R
4
R
5
M
0
M
1
V
DD
V
DD
M
2
M
3
S_WR, M
4
DATA, M
5
GND
GND
N/C
V
DD
D
OUT
V
DD
N/C
GND
PD_D
PD_U
V
DD
C
EXT
Figure 2. Pin Configuration
Table 1. Pin Descriptions
Pin No.
Pin Name
Interface Mode
Type
Description
1
VDD
Both
(Note 1)
Power supply input. Input may range from 2.85 V to 3.15 V. Bypassing
recommended.
2
R0
Direct
Input
R Counter bit0
3
R1
Direct
Input
R Counter bit1
4
R2
Direct
Input
R Counter bit2
5
R3
Direct
Input
R Counter bit3
6
GND
Both
(Note 1)
Ground
7
R4
Direct
Input
R Counter bit4
8
R5
Direct
Input
R Counter bit5 (MSB)
9
M0
Direct
Input
M Counter bit0
10
M1
Direct
Input
M Counter bit1
11
VDD
Both
(Note 1)
Same as pin 1
12
VDD
Both
(Note 1)
Same as pin 1
13
M2
Direct
Input
M Counter bit2
14
M3
Direct
Input
M Counter bit3
S_WR
Serial
Input
Frequency register load enable input. Buffered data is transferred to the frequency
register on S_WR rising edge.
15
M4
Direct
Input
M Counter bit4
16
DATA
Serial
Input
Binary serial data input. Data is entered LSB first, and is clocked serially into the 20-
bit frequency control register (E_WR “low”) or the 8-bit enhancement register (E_WR
“high”) on the rising edge of CLOCK.


Similar Part No. - 9704-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
9704-11 PEREGRINE-9704-11 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results

Similar Description - 9704-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702 Datasheet
278Kb / 14P
   3.0 GHz Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
   2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com