Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42660 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # PE42660
Description  SP6T UltraCMOS2.75 V Switch 100 - 3000 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42660 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE42660 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42660 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42660 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42660 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42660 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42660 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42660 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42660 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42660 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Preliminary Specification
PE42660
Page 5 of 9
Document No. 70-0192-02
www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Electrical Test and Performance Specifications
PE42660 dice are 100% electrically tested for the
parameters listed below from Table 1 and Table 2. All
other parameters are guaranteed through design and
characterization.
Wafer and Die Packaging
Peregrine Semiconductor has two methods for shipping
dice to our customers. The shipping option used is
based on the customer’s requirements and the number
of dice.
Peregrine offers product dice in two packaging options:
Standard Die Carrier Packages (waffle pack) and dice
on Film Frames.
Wafer Mount/Dicing
In preparation for dicing, wafers are thinned and
polished and 100% electrically probed prior to
mounting on film frame tape and rings. Figure 6 shows
a wafer mounted on film frame using PVC backed
mounting tape. In preparation for shipment, wafers are
visually inspected after singulation and shipped with an
electronic map file providing good dice locations.
• Insertion Loss (all ports)
• TX1 & TX2 Harmonics
• TX – RX Isolation
• I
DD supply current
• Control pin leakages
Storage and Preservation
Proper storage conditions are necessary to prevent
product contamination and/or degradation after
shipment.
Product should be stored in the original unopened
packaging or, once opened, in a nitrogen purged
cabinet at room temperature (45% + 15% relative
humidity controlled environment).
Singulated wafers mounted on film frames are intended
for immediate use and have a limited shelf life. This is
primarily due to the nature of the adhesive tape used
for mounting the product. This product can be stored
up to 30 days. This applies whether or not the material
has remained in its original sealed container. To reduce
the risk of contamination or degradation, it is
recommended that product not being used in the
assembly process be returned to their original
containers and resealed with a vacuum seal process.
Figure 6. Wafer on Film Frame
Figure 8. Waffle Pack
Wafer
Processing
Visual
Inspection
Process Control
Monitor (PCM)
Wafer Level
Reliability (WLR)
Backgrind
and Polish
Dice Picking
100%
Electrical Test
Ink Reject Die or
Electronic Wafer
Map
Outgoing QA
Inspection
Wafer
Singulation
100% Visual
Inspection
Pack and Ship
Wafers
Carrier Loading
Pack and Ship
Dice
Figure 7. Dice and Wafer Processing Flow
Standard Die Carrier Package/Waffle Pack
Waffle packs are available to customers during product
development and prototyping phase only. Orders will
move to film frames at production launch or for large
quantity requirements.
Dice have been 100% electrically probed, singulated,
visually inspected and are packaged in a 2”x2” waffle
pack (400 dice per waffle pack).


Similar Part No. - PE42660

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4266 PASTERNACK-PE4266 Datasheet
830Kb / 2P
   75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
More results

Similar Description - PE42660

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE42693 PEREGRINE-PE42693 Datasheet
99Kb / 4P
   SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42671 PEREGRINE-PE42671 Datasheet
129Kb / 4P
   SP7T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42672 PEREGRINE-PE42672 Datasheet
171Kb / 4P
   SP7T UltraCMOS??2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
   UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
PE42430MLAB-Z PSEMI-PE42430MLAB-Z Datasheet
483Kb / 11P
   UltraCMOS짰 SP3T Reflective RF Switch 100 ??3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com