Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4212L Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4212L
Description  Dual Low Power PLL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4212L Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4212L Datasheet HTML 3Page - Analog Devices ADF4212L Datasheet HTML 4Page - Analog Devices ADF4212L Datasheet HTML 5Page - Analog Devices ADF4212L Datasheet HTML 6Page - Analog Devices ADF4212L Datasheet HTML 7Page - Analog Devices ADF4212L Datasheet HTML 8Page - Analog Devices ADF4212L Datasheet HTML 9Page - Analog Devices ADF4212L Datasheet HTML 10Page - Analog Devices ADF4212L Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
ADF4212L
–7–
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–400k
–200k
540M
200k
400k
REFERENCE
LEVEL = –7.0dBm
VDD = 3V,VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 1Hz
VIDEO BANDWIDTH = 1Hz
SWEEP = 2.5 SECONDS
AVERAGES = 20
–89.3dBc
FREQUENCY – Hz
TPC 7. Reference Spurs, IF Side (540 MHz, 200 kHz, 20 kHz)
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
100Hz
1MHz
FREQUENCY OFFSET
FROM 540MHz CARRIER
0.83” rms
10dB/DIV
rms NOISE =
0.83 DEGREES
RL = –50dBc/Hz
TPC 8. Integrated Phase Noise (540 MHz, 200 kHz/20 kHz)
PHASE DETECTOR FREQUENCY – kHz
10
10000
1000
100
VDD = 3V
VP = 5V
–130
–140
–150
–160
–170
–180
TPC 9. Phase Noise Referred to CP Output vs.
PFD Frequency, RF Side
PHASE DETECTOR FREQUENCY – kHz
10
10000
1000
100
VDD = 3V
VP = 5V
–130
–140
–150
–160
–170
–180
TPC 10. Phase Noise Referred to CP Output vs.
PFD Frequency, IF Side
VCP – V
0
1
6
4
2
0
–2
–4
2
3
4
5
–6
TPC 11. RF Charge Pump Output Characteristics
VCP – V
0
1
6
4
2
0
–2
–4
VDD = 3V
VP2 = 5.5V
2
3
4
5
–6
TPC 12. IF Charge Pump Output Characteristics


Similar Part No. - ADF4212L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
   Dual Low Power PLL Frequency Synthesizer
Rev. E
More results

Similar Description - ADF4212L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
   Dual Low Power PLL Frequency Synthesizer
Rev. E
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
List of Unclassifed Man...
FS8308 ETC1-FS8308 Datasheet
289Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
Princeton Technology Co...
FS8308 PTC-FS8308 Datasheet
343Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com