Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE83513-EK Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # PE83513-EK
Description  DC - 1500 MHz Low Power CMOS Divide-by-8 Prescaler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE83513-EK Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  PE83513-EK Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE83513-EK Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE83513-EK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE83513-EK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE83513-EK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE83513-EK Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PE83513
Product Specification
Copyright
Peregrine Semiconductor Corp. 2003
File No. 70/0118~02A
| UTSi  CMOS RFIC SOLUTIONS
Page 6 of 6
Sales Offices
United States
Peregrine Semiconductor Corp.
6175 Nancy Ridge Drive
San Diego, CA 92121
Tel 1-858-455-0660
Fax 1-858-455-0770
Japan
Peregrine Semiconductor K.K.
5A-5, 5F Imperial Tower
1-1-1 Uchisiawaicho,
Chiyoda-ku, Tokyo, Japan
100-011
Tel. 011-81-3-3502-5211
Fax. 011-81-3-3502-5213
Europe
Peregrine Semiconductor Europe
Aix-En-Provence Office
Parc Club du Golf, bat 9
13856 Aix-En-Provence Cedex 3
France
Tel 33-0-4-4239-3360
Fax 33-0-4-4239-7227
For a list of representatives in your area, please refer to our Web site at: http://www.peregrine-semi.com
Data Sheet Identification
Advance Information
The product is in a formative or design stage. The data sheet
contains design target specifications for product
development. Specifications and features may change in any
manner without notice.
Preliminary Specification
The data sheet contains preliminary data. Additional data
may be added at a later date. Peregrine reserves the right to
change specifications at any time without notice in order to
supply the best possible product.
Product Specification
The data sheet contains final data. In the event Peregrine
decides to change the specifications, Peregrine will notify
customers of the intended changes by issuing a PCN
(Product Change Notice).
The information in this data sheet is believed to be reliable. However,
Peregrine assumes no liability for the use of this information. Use
shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this
data sheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in devices
or systems intended for surgical implant, or in other applications
intended to support or sustain life, or in any application in which the
failure of the Peregrine product could create a situation in which
personal injury or death might occur. Peregrine assumes no liability
for damages, including consequential or incidental damages, arising
out of the use of its products in such applications.
Peregrine products are protected under one or more of the following
U.S. patents: 6,090,648; 6,057,555; 5,973,382; 5,973,363; 5,930,638;
5,920,233; 5,895,957; 5,883,396; 5,864,162; 5,863,823; 5,861,336;
5,663,570; 5,610,790; 5,600,169; 5,596,205; 5,572,040; 5,492,857;
5,416,043. Other patents are pending.
Peregrine, the Peregrine logotype, Peregrine Semiconductor Corp., and UTSi
are registered trademarks of Peregrine Semiconductor Corporation.
Copyright © 2002 Peregrine Semiconductor Corp. All rights reserved.


Similar Part No. - PE83513-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83513 PEREGRINE-PE83513 Datasheet
236Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83513 PEREGRINE-PE83513_06 Datasheet
236Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
More results

Similar Description - PE83513-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83512 PEREGRINE-PE83512 Datasheet
289Kb / 6P
   DC - 1500 MHz Low Power CMOS Divide-by-4 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE83513 PEREGRINE-PE83513_06 Datasheet
236Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83503 PEREGRINE-PE83503 Datasheet
246Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler
PE3503 PEREGRINE-PE3503 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com