Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE83513-EK Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE83513-EK
Description  DC - 1500 MHz Low Power CMOS Divide-by-8 Prescaler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE83513-EK Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE83513-EK Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE83513-EK Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE83513-EK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE83513-EK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE83513-EK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE83513-EK Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PEREGRINE SEMICONDUCTOR CORP.
| http://www.peregrine-semi.com
Copyright
Peregrine Semiconductor Corp. 2003
Page 1 of 6
Product Description
Figure 1. Functional Schematic Diagram
Figure 2. Package Type
Table 1. Electrical Specifications (ZS = ZL = 50 Ω)
2.85V ≤ VDD ≤ 3.15 V; -55° C ≤ TA ≤ 125° C, unless otherwise specified
Parameter
Conditions
Minimum
Typical
Maximum
Units
Supply Voltage
2.85
3.0
3.15
V
OUTB Disabled
7
12
mA
Supply Current
OUTB Enabled
14
25
mA
Input Frequency (FIN)
DC
1500
MHz
100 MHz ≤ Fin ≤ 1200 MHz
-55
°C ≤ TA ≤ 85°C
-5
+10
dBm
100 MHz ≤ Fin ≤ 1200 MHz
85
°C
≥ TA ≥ 125°C
0
+10
dBm
Input Power (PIN)
1200 MHz < Fin ≤ 1500 MHz
-55
°C ≤ TA ≤ 85°C
+5
+10
dBm
Output Power
DC < Fin ≤ 1500MHz
+2
dBm
PRODUCT SPECIFICATION
PE83513
Military Operating Temperature Range
DC - 1500 MHz Low Power
CMOS Divide-by-8 Prescaler
Features
• DC to 1500 MHz operation
• Fixed divide ratio of 8
• Low-power operation: 14mA
typical @ 3.0 V
• Ultra small package: 8-lead
plastic MSOP
The PE83513 is a high-performance static CMOS
prescaler with a fixed divide ratio of 8. Its operating
frequency range is DC to 1500 MHz. The PE83513
operates on a nominal 3 V supply and draws only 14mA.
It is packaged in a small 8-lead plastic MSOP and is
ideal for frequency scaling and clock generation
solutions.
The PE83513 is manufactured in Peregrine’s patented
Ultra-Thin Silicon (UTSi
) CMOS process, offering the
performance of GaAs with the economy and integration
of conventional CMOS.
8-lead MSOP
5.05
4.75
3.05
2.85


Similar Part No. - PE83513-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83513 PEREGRINE-PE83513 Datasheet
236Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83513 PEREGRINE-PE83513_06 Datasheet
236Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
More results

Similar Description - PE83513-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83512 PEREGRINE-PE83512 Datasheet
289Kb / 6P
   DC - 1500 MHz Low Power CMOS Divide-by-4 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE83513 PEREGRINE-PE83513_06 Datasheet
236Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83503 PEREGRINE-PE83503 Datasheet
246Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler
PE3503 PEREGRINE-PE3503 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com