Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM62V256CLG-7L Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KM62V256CLG-7L
Description  32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62V256CLG-7L Datasheet(HTML) 4 Page - Samsung semiconductor

  KM62V256CLG-7L Datasheet HTML 1Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 2Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 3Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 4Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 5Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 6Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 7Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 8Page - Samsung semiconductor KM62V256CLG-7L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ELECTRONICS
KM62V256C, KM62U256C Family
CMOS SRAM
Revision 04
April 1996
- 4 -
Input leakage current
Output leakage current
Operating power supply current
Average operating current
Output low voltage
Output high voltage
Standby Current(TTL)
Standby
Current
(CMOS)
KM62V256CL-L
KM62V256CLE-L
KM62V256CLI-L
KM62U256CL-L
KM62U256CLE-L
KM62U256CLI-L
DC AND OPERATING CHARACTERISTICS
Symbol
Ili
Ilo
Icc
Icc1
Icc2
Vol
Voh
Isb
Isb1
Vin=Vss to Vcc
/CS=Vih or Vil or /WE=Vil
Vio=Vss to Vcc
/CS=Vil, Vin=Vih or Vil, Iio=0mA
Cycle time=1uS 100% duty
/CS¡ Â0.2V, Vil¡ Â0.2V,
Vin¡ ÃVcc-0.2V, Iio=0mA
Min cycle, 100% duty
/CS=Vil, Iio=0mA
Iol=2.1mA
Ioh=-1.0mA
/CS=Vih
/CS¡ ÃVcc-0.2V
Vin¡ Â0.2V or
Vin¡ ÃVcc-0.2V
Unit
uA
uA
mA
mA
mA
V
V
mA
uA
uA
uA
uA
uA
uA
Max
1
1
2.0
5
354)
0.4
-
0.3
10
20
20
10
15
15
Typ 2)
-
-
1.0
2.5
20 3)
-
-
-
1.5
1.5
1.5
1.0
1.0
1.0
Min
-1
-1
-
-
-
-
2.2
-
-
-
-
-
-
-
1) - Commercial Product : Ta=0 to 70 °C , Vcc=3.0 +/- 0.3V(62U256C Family), Vcc=3.3 +/- 0.3V(62V256C Family)
- Extended Product : Ta=-25 to 85 °C , Vcc=3.0 +/- 0.3V(62U256CE Family), Vcc=3.3 +/- 0.3V(62V256CE Family)
- Industrial Product : Ta=-40 to 85 °C , Vcc=3.0 +/- 0.3V(62U256CI Family), Vcc=3.3 +/- 0.3V(62V256CI Family)
2) Ta=25 °C
3) 25mA for KM62V256C family
4) 30mA for KM62U256C family but it is not 100% tested but obtained statistically
Low Low PWR
Low Low PWR
Low Low PWR
Low Low PWR
Low Low PWR
Low Low PWR
Item
Test Conditions1)
Input pulse level
Input rise fall time
Input and output reference voltage
Output load(See right)
TEST CONDITIONS
(1. Test Load and Test Input/Output Reference)*
0.4 to 2.2V
5ns
1.5V
CL=100pF+1TTL
CL=30pF+1TTL
-
-
-
-
CL*
* Including scope and jig capacitance
* See test condition of DC and Operating characteristics
Item
Value
Remark
A.C CHARACTERISTICS


Similar Part No. - KM62V256CLG-7L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM62V256D SAMSUNG-KM62V256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DL-L SAMSUNG-KM62V256DL-L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DLE-L SAMSUNG-KM62V256DLE-L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DLG-7L SAMSUNG-KM62V256DLG-7L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DLGE-7L SAMSUNG-KM62V256DLGE-7L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results

Similar Description - KM62V256CLG-7L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com