Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM68B261A-6 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KM68B261A-6
Description  32K x 8 Bit High-Speed BiCMOS Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68B261A-6 Datasheet(HTML) 6 Page - Samsung semiconductor

  KM68B261A-6 Datasheet HTML 1Page - Samsung semiconductor KM68B261A-6 Datasheet HTML 2Page - Samsung semiconductor KM68B261A-6 Datasheet HTML 3Page - Samsung semiconductor KM68B261A-6 Datasheet HTML 4Page - Samsung semiconductor KM68B261A-6 Datasheet HTML 5Page - Samsung semiconductor KM68B261A-6 Datasheet HTML 6Page - Samsung semiconductor KM68B261A-6 Datasheet HTML 7Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
KM68B261A
BiCMOS SRAM
Rev 2.0
October-1994
6
Address
/CS
Data In
/WE
Data Out
High-Z
High-Z
(10)
(9)
TIMING WAVE FORM OF WRITE CYCLE(2) (/OELowFixed)
Data Valid
tWC
tWR(5)
tDH
tWHZ(6,7)
tAW
tCW(3)
tWP(2)
tAS(4)
tOH
tOW
tDW
NOTES (WRITE CYCLE)
All write cycle timing is referenced from the last valid address to the first transition address.
A write occurs during the overlap of a low /CS and a low /WE. A write begins at the latest transition among
/CS going low and /WE going low; A write ends at the earliest transition among /CS going high and /WE going
high. tWP is measured from the beginning of write to the end of write.
tCW is measured from the later of /CS going low to end of write.
tAS is measured from the address valid to the beginning of write.
tWR is measured from the end of write to the address change. tWR applied in case a write ends as /CS, or
/WE going high.
If /OE, /CS and /WE are in the Read Mode during this period, the I/O pins are in the output low-Z state. Inputs
of opposite phase of the output must not be applied because bus contention can occur.
For common I/O applications, minimization or elimination of bus contention conditions is necessary during read
and write cycle.
If /CS goes low simultaneously with /WE going low or after /WE going low, the outputs remain high impedance
state.
Dout is the read data of the new address.
When /CS is low : I/O pins are in the output state. The input signals in the opposite phase leading to the output
should not be applied.
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
FUNCTIONAL DESCRIPTION
/CS
/WE
/OE
Mode
I/O Pin
Supply Current
H
L
L
L
X
H
H
L
X*
H
L
X
Not Select
Output Disable
Read
Write
High-Z
High-Z
DOUT
DIN
ISB, ISB1
ICC
ICC
ICC
*Note : X means Don't Care.


Similar Part No. - KM68B261A-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KM680K ETC1-KM680K Datasheet
34Kb / 1P
   R. F. Molded Chokes
logo
Samsung semiconductor
KM681000 SAMSUNG-KM681000 Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000BL SAMSUNG-KM681000BL Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000BL-L SAMSUNG-KM681000BL-L Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - KM68B261A-6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6E0808C1E-C SAMSUNG-K6E0808C1E-C Datasheet
181Kb / 9P
   32K x 8 Bit High-Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
V61C518256 MOSEL-V61C518256 Datasheet
58Kb / 12P
   32K X 8 HIGH SPEED STATIC RAM
logo
Sony Corporation
CXK58256 SONY-CXK58256 Datasheet
285Kb / 7P
   32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com