Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F042AHJ020SC Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z8F042AHJ020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F042AHJ020SC Datasheet(HTML) 3 Page - Zilog, Inc.

  Z8F042AHJ020SC Datasheet HTML 1Page - Zilog, Inc. Z8F042AHJ020SC Datasheet HTML 2Page - Zilog, Inc. Z8F042AHJ020SC Datasheet HTML 3Page - Zilog, Inc. Z8F042AHJ020SC Datasheet HTML 4Page - Zilog, Inc. Z8F042AHJ020SC Datasheet HTML 5Page - Zilog, Inc. Z8F042AHJ020SC Datasheet HTML 6Page - Zilog, Inc. Z8F042AHJ020SC Datasheet HTML 7Page - Zilog, Inc. Z8F042AHJ020SC Datasheet HTML 8Page - Zilog, Inc. Z8F042AHJ020SC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 276 page
background image
PS022815-0206
Z8 Encore! XP® 4K Series
Product Specification
iii
Revision History
Each instance in the following table reflects a change to this document from its
previous revision. To see more detail, click the appropriate link in the table.
Revision History of this Document
Date
Revision
Level
Description
November
2004
07
Minor corrections made throughout document. Major changes include adding Timer
caution note in the Timer chapter and Flash controller caution note in the Flash
Memory chapter. In the Ordering chapter, corrected NVDS size typo. Added three
new CPU instructions. Added 20-pin SOIC package drawing in Packaging chapter.
Changed WDT oscillator frequency to 10 KHz in the Oscillator Control chapter.
Clarified NVDS read/write operations in the NVDS Code Interface section.
December
2004
08
Minor corrections to Low-Power Modes, General Purpose I/O, Analog to
Digital Converter, Comparator, Flash Option Bits, Internal Precision
Oscillator, and Electrical Characteristics Chapters.
31,39,
118,119,1
20,143,14
5,146,177,
202,203
January
2005
09
Added 8-Pin Development Kit and USB Smart Cable Accessory Kit
ordering information.
227
May 2005 10
Added clarifying information for using the UART Baud Rate Generator as
a simplified timer. Removed 2.2VREF in Table 129. Changed VBO to LVD
in Interrupt Controller. Changed PA5 T1OUT to T1OUT and added
clarification of Ports A-C for 8-pin and 20/28 pin devices in Tables 21, 26
and 27 in the GPIO. Changed TPOR and TSMR typical values in Table
125, and Endurance minimum value in Table 126 in Electrical
Characteristics. Removed 2.2V reference in Electrical Characteristics
and Analog-to-Digital Converter chapters. Added clarifying text when
writing to the Flash Control Register in Flash Memory chapter. Added
Lead-Free Packaging order information
99,
129,39,50,
51,56,58,
59,61,43,
46,203,
204,206,
121,123,
126-140,
222-228
June 2005 11
Inserted missing temperature sensor chapter. Updated Figure1 to include
Transimpedance Amplifier. Added Transimpedance Amplifer to Feature
Description. Removed reference to VBO enable. Updated Table 124
format. Changed Temperature Sensor column in ordering information
pages.
3, 5, 152,
223, 227


Similar Part No. - Z8F042AHJ020SC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F042AHJ020SG ZILOG-Z8F042AHJ020SG Datasheet
1Mb / 282P
   High-Performance 8-Bit Microcontrollers
More results

Similar Description - Z8F042AHJ020SC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F6421PM020SC ZILOG-Z8F6421PM020SC Datasheet
1Mb / 299P
   High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F64200100KITG ZILOG-Z8F64200100KITG Datasheet
233Kb / 18P
   Z8 Encore! XP Z8F642 Development Board
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com