Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86D7308PSC Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z86D7308PSC
Description  40/44/48-Pin Low-Voltage IR OTP
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308PSC Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z86D7308PSC Datasheet HTML 2Page - Zilog, Inc. Z86D7308PSC Datasheet HTML 3Page - Zilog, Inc. Z86D7308PSC Datasheet HTML 4Page - Zilog, Inc. Z86D7308PSC Datasheet HTML 5Page - Zilog, Inc. Z86D7308PSC Datasheet HTML 6Page - Zilog, Inc. Z86D7308PSC Datasheet HTML 7Page - Zilog, Inc. Z86D7308PSC Datasheet HTML 8Page - Zilog, Inc. Z86D7308PSC Datasheet HTML 9Page - Zilog, Inc. Z86D7308PSC Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
vi
List of Tables
Table 1.
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Power Connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Table 3.
Pin Identification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 4.
Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 5.
Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 6.
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 7.
External I/O or Memory Read and Write Timing (Preliminary) . . . . 14
Table 8.
Additional Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 9.
Pin Assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 10. Expanded Register Group D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Table 11. CTR0 (D)00 Counter/Timer8 Control Register . . . . . . . . . . . . . . . . 35
Table 12. CTR(D)01h T8 and T16 Common Functions . . . . . . . . . . . . . . . . . 37
Table 13. CTR2 (D)02h: Counter/Timer16 Control Register . . . . . . . . . . . . . . 39
Table 14. SMR2(F)0Dh: Stop-Mode Recovery Register 2* . . . . . . . . . . . . . . . 41
Table 15. Interrupt Types, Sources, and Vectors . . . . . . . . . . . . . . . . . . . . . . 55
Table 16. IRQ Register* . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
Table 17. Stop-Mode Recovery Source . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Table 18. WDT Time Select* . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Table 19. Mask Selectable Options . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Table 20. Z86D73 Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85


Similar Part No. - Z86D7308PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86D86 ZILOG-Z86D86 Datasheet
912Kb / 80P
   28-Pin Low-Voltage OTP Microcontroller
Z86D8608PSC ZILOG-Z86D8608PSC Datasheet
912Kb / 80P
   28-Pin Low-Voltage OTP Microcontroller
Z86D99 ZILOG-Z86D99 Datasheet
1Mb / 102P
   Low-Voltage Micro controllers with ADC
Z86D99 ZILOG-Z86D99 Datasheet
1Mb / 91P
   Low-Voltage Microcontrollers
Z86D990 ZILOG-Z86D990 Datasheet
1Mb / 102P
   Low-Voltage Micro controllers with ADC
More results

Similar Description - Z86D7308PSC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F15356 MICROCHIP-PIC16F15356 Datasheet
8Mb / 605P
   Full-Featured 28/40/44/48-Pin Microcontrollers
10/25/17
PIC16F19155 MICROCHIP-PIC16F19155 Datasheet
11Mb / 754P
   Full-Featured 28/40/44/48-Pin Microcontrollers
05/14/19
PIC18F27Q43 MICROCHIP-PIC18F27Q43 Datasheet
11Mb / 950P
   28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
2019-2021
PIC18F26 MICROCHIP-PIC18F26 Datasheet
8Mb / 808P
   28/40/44/48-Pin, Low-Power High-Performance Microcontrollers with XLP Technology
10/25/17
PIC18F27Q84 MICROCHIP-PIC18F27Q84 Datasheet
14Mb / 1146P
   28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
2021
PIC18F26Q43 MICROCHIP-PIC18F26Q43 Datasheet
11Mb / 950P
   28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
Rev E 05/2021
PIC18F27 MICROCHIP-PIC18F27 Datasheet
13Mb / 1140P
   28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
Rev.E 12/2021
PIC18F25Q43 MICROCHIP-PIC18F25Q43 Datasheet
11Mb / 950P
   28/40/44/48-Pin, Low-Power, High-Performance Microcontroller with XLP Technology
Rev.E 05/2021
logo
Zilog, Inc.
Z86D86 ZILOG-Z86D86 Datasheet
912Kb / 80P
   28-Pin Low-Voltage OTP Microcontroller
Z86L825 ZILOG-Z86L825 Datasheet
875Kb / 79P
   20-Pin Low-Voltage IR Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com