Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86L99 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z86L99
Description  Low-Voltage Micro controllers with ADC
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L99 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z86L99 Datasheet HTML 4Page - Zilog, Inc. Z86L99 Datasheet HTML 5Page - Zilog, Inc. Z86L99 Datasheet HTML 6Page - Zilog, Inc. Z86L99 Datasheet HTML 7Page - Zilog, Inc. Z86L99 Datasheet HTML 8Page - Zilog, Inc. Z86L99 Datasheet HTML 9Page - Zilog, Inc. Z86L99 Datasheet HTML 10Page - Zilog, Inc. Z86L99 Datasheet HTML 11Page - Zilog, Inc. Z86L99 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
Z86D990/Z86D991 OTP and Z86L99X ROM
Low-Voltage Microcontrollers with ADC
PS003807-1002
P
R
E
L
I
M
I
N
A
R
Y
1
Architectural Overview
The Z86D99 is a low-voltage general-purpose one-time programmable (OTP) Z8®
microcontroller with an integrated four-channel 8-bit sigma delta analog-to-digital
converter. The Z86L99 is the read-only memory (ROM) version of this controller.
The Z86D99/Z86L99 family is designed to be used in a wide variety of embedded
control applications including battery chargers, home appliances, infrared (IR)
remote controls, security systems, and wireless keyboards.
It has three counter/timers, a general-purpose 8-bit counter/timer with a 6-bit pres-
caler and an 8-bit/16-bit counter/timer pair that can be used individually for gen-
eral-purpose timing or as a pair to automate the generation and reception of
complex pulses or signals. Unique features of the Z86D99/Z86L99 family of prod-
ucts include 489 bytes of general-purpose random-access memory (RAM), 256
bytes of which are mapped into the program memory space and can be used to
store data variables or as executable RAM, a low-battery detection flag, and a
controlled current output pin, which is a regulated current source that sinks a pre-
defined current (ICCO). Table 1 highlights the basic product features of these
microcontrollers.
The Z8 microcontroller core offers more flexibility and performance than accumu-
lator-based microcontrollers. All 256 general-purpose registers, including dedi-
cated input/output (I/O) port registers, can be used as accumulators. This unique
register-to-register architecture avoids accumulator bottlenecks for high code effi-
ciency. The registers can be used as address pointers for indirect addressing, as
index registers, or for implementing an on-chip stack.
The Z8 has a sophisticated interrupt structure and automatically saves the pro-
gram counter and status flags on the stack for fast context-switching. Speed of
execution and smooth programming are also supported by a “working register
area” with short 4-bit register addresses.
Table 1. Z86L99/Z86D99 Feature Comparison
Pins
I/O
Memory
(Bytes)
Operating
Voltage (V)
ADC
Timers
Watch-Dog
Timer
Z86D990
40/48
32
32K OTP
3.0–5.5
4 channel
3
Yes
Z86D991
28
24
32K OTP
3.0–5.5
3
Yes
Z86L990
40/48
32
16K ROM
2.3–5.5
4 channel
3
Yes
Z86L991
28
24
16K ROM
2.3–5.5
3
Yes
Z86L996
28
24
4K ROM
2.3–5.5
3
Yes
Z86L997
28
24
8K ROM
2.3–5.5
3
Yes


Similar Part No. - Z86L99

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L9900100ZC0 ZILOG-Z86L9900100ZC0 Datasheet
280Kb / 38P
   Evaluation Board IR Controllers
Z86L9900100ZCO ZILOG-Z86L9900100ZCO Datasheet
27Kb / 2P
   Z86L9900100ZCO Evaluation Board for Z86L99 IR Controllers
Z86L9900100ZEM ZILOG-Z86L9900100ZEM Datasheet
1Mb / 70P
   ICEBOX
Z86L99ZEM ZILOG-Z86L99ZEM Datasheet
122Kb / 8P
   Z8 In-Circuit Emulator
More results

Similar Description - Z86L99

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4261 LINER-LTC4261 Datasheet
370Kb / 32P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4261 LINER-LTC4261_15 Datasheet
341Kb / 34P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4261-2 LINER-LTC4261-2_15 Datasheet
341Kb / 34P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
logo
ON Semiconductor
NCP1582 ONSEMI-NCP1582 Datasheet
155Kb / 16P
   Low Voltage Synchronous Buck Controllers
July, 2006 ??Rev. 2
logo
Freescale Semiconductor...
MC68HC11A1CFNE3 FREESCALE-MC68HC11A1CFNE3 Datasheet
3Mb / 52P
   8-Bit Micro controllers
logo
Maxim Integrated Produc...
MAX8737 MAXIM-MAX8737 Datasheet
749Kb / 15P
   Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Rev 0; 5/05
logo
Linear Technology
LTC4214-2 LINER-LTC4214-2_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1_15 Datasheet
282Kb / 32P
   Negative Low Voltage Hot Swap Controllers
LTC4214-1 LINER-LTC4214-1 Datasheet
273Kb / 32P
   Negative Low Voltage Hot Swap Controllers
logo
Supertex, Inc
HV9105 SUTEX-HV9105 Datasheet
320Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com