Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IL78L Datasheet(HTML) 3 Page - Integral Corp.

Part No. IL78L
Description  THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IL78L Datasheet(HTML) 3 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
IL78LXX
3
IL78L09 ELECTRICAL CHARACTERISTICS
(Vi=15V, Io=40mA,Ci=0.33
µF,Co=0.1µF,-40°C<Tj<+125°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25
°C)
Vo
8.3
9.0
9.7
Vdc
Line Regulation
(TJ = +25
°C, Io = 40 mA)
11.5Vdc
≤Vi≤ £24Vdc
12Vdc
≤Vi< 24Vdc
Regline
-
-
20
12
200
150
mV
Load Regulation
(TJ =. +25
°≤C, 1.0 mA ≤£Io ≤ 100 mA)
(TJ = +25
°C, 1.0 mA ≤ Io ≤ 40 mA)
Reaload
-
-
15
6.0
90
40
mV
Output Voltage
(11.5Vdc
≤Vi≤£24Vdc, 1.0 mA < Io≤ 40mA) (Vi=
15V, 1.0 mA
≤ Io ≤ 70 mA)
Vo
8.1
8.1
-
-
9.9
9.9
Vdc
Input Bias Current
(TJ = +25
°C)
(TJ = +125
°C)
IIB
-
-
3.0
-
6.0
5.5
mA
Input Bias Current Change
(11 Vdc
≤ Vi ≤ 23 Vdc)
(1.0mA
≤Io ≤40mA)
∆IIB
-
-
-
-
1.5
0.2
mA
Output Noise Voltage
(TA = +25
°C, 10 Hz ≤ f ≤100 kHz)
Vn
-
52
-
µV
Ripple Rejection (IO = 40 mA,
f= 120 Hz, 13V
≤Vi≤ 24 V, TJ=+25°C)
RR
36
55
-
dB
Dropout Voltage
(TJ = +25
°C)
Vi-Vo
-
1.7
-
Vdc
IL78L12 ELECTRICAL CHARACTERISTICS
(Vi =19 V, Io =40 mA, Ci = 0.33
µF, Co = 0.1 µF, -40°C < TJ < +125°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25
°C)
Vo
11.1
12
12.9
Vdc
Line Regulation
(TJ = +25°C. IQ = 40 mA)
14.5Vdc
≤Vi ≤27Vdc
16 Vdc
≤Vi ≤ 27 Vdc
Regline
-
-
120
100
250
200
mV
Load Regulation
(TJ = +25
°C, 1.0 mA ≤ Io ≤ 100 mA)
(TJ = +25
°C, 1.0 mA ≤ Io ≤ 40 mA)
Pegload
-
-
20
10
100
50
mV
Output Voltage
(14.5Vdc
≤ Vi ≤ 27Vdc, 1.0mA≤Io≤ 40mA) (Vi =
19V, 1.0mA <Io
≤ 70mA)
Vo
10.8 10.8
-
-
13.2
13.2
Vdc
Input Bias Current
(TJ = +25
°C)
(TJ = +125
°C)
IIB
-
-
4.2
-
6.5
6.0
mA
Input Bias Current Change
(16Vdc
≤ Vi ≤ 27Vdc)
(1.0 mA
≤ Io ≤ 40 mA)
∆IIB
-
-
-
-
1.5
0.2
mA
Output Noise Voltage
(TA = +25
°C, 10Hz ≤ f ≤ 100 kHz)
Vn
-
80
-
pV
Ripple Rejection (IO = 40 mA,
f= 120 Hz, 15V
≤ Vi ≤ 25V,TJ=+25°C)
RR
36
42
-
dB
Dropout Voltage
(TJ = +25
°C)
Vi-Vo
"
1.7
-
Vdc


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn