Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IL78L Datasheet(HTML) 5 Page - Integral Corp.

Part No. IL78L
Description  THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IL78L Datasheet(HTML) 5 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
IL78LXX
5
IL78L24 ELECTRICAL CHARACTERISTICS
(Vi = 33 V, Io = 40 mA, Ci = 0.33
µF. Co = 0.1 µF, 0°C < TJ < +125°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25
°C)
VO
22.1
24
25.9
Vdc
Line Regulation
(TJ = +25
°C, Io = 40 mA)
27.5 Vdc
≤Vi ≤ 38 Vdc
28 Vdc
≤ Vi ≤ 38 Vdc
Regline
-
-
35
30
350
300
mV
Load Regulation
(TJ = +25
°C, 1.0 mA ≤ Io £≤ 100 mA)
(TJ = +25
°C, 1.0 mA ≤ Io ≤ 40 mA)
Regload
-
-
40
20
200
100
mV
Output Voltage
(28Vdc
≤Vi≤ 38Vdc, 1.0 mA ≤ Io ≤40 mA)
(27Vdc
≤Vi≤ 33Vdc, 1.0 mA ≤ Io ≤70 mA)
VO
21.6
21.6
-
-
26.4
26.4
Vdc
Input Bias Current
(TJ = +25
°C)
(TJ = +125
°C)
IIB
-
-
3.1
-
6.5
6.0
mA
Input Bias Current Change
(28 Vdc
≤ Vi ≤£ 38 Vdc)
(1.0 mA
≤ Io ≤ 40 mA)
∆IIB
-
-
-
-
1.5
0.2
rnA
Output Noise Voltage
(TА = +25
°C, 10Hz ≤ f ≤ 100 kHz)
Vn
-
200
-
nV
Ripple Rejection (IO = 40 mA, f= 120 Hz, 29V
Vi
≤ 35V, TJ = +25°C)
RR
30
43
-
dB
Dropout Voltage (TJ = +25
°C)
Vi-Vo
-
1.7
-
Vdc


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn