Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IL79L Datasheet(HTML) 1 Page - Integral Corp.

Part No. IL79L
Description  THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IL79L Datasheet(HTML) 1 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
IL79LXX
1
THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
The IL79LXX, A Series negative voltage regulators are inexpensive,
easy-to-use devices suitable for numerous applications requiring up to
100 mA. This series features thermal shutdown and current limiting,
making them remarkably rugged. In most applications, no external
components are required for operation.
The IL79LXX devices are useful for on-card regulation or any other
application where a regulated negative voltage at a modest current
level is needed. These regulators offer substantial advantage over the
common resistor/zener diode approach.
TO-226AA /
TO-92
Pin 1. Output
2.Ground
3.Input
FEATURES
No External Components Required
• Internal Short Circuit Current Limiting
• Internal Thermal Overload Protection
• Low Cost
Complementary
Positive
Regulators
Offered (IL78LXX Series)
• Available in Either ±5% (AC) or±10% (C) Selections
Ño**
0.1
µF
Ñin*
0.33
µF
Vout
Vin
I L79LXX
Standard application
A common ground is required between the input
and the output voltages. The input voltage must
remaintypically 2.0 V above the output voltage even
during the low point on the input ripple voltage.
*C in is required if regulator is located an
*appreciable distance from power supply filter.
**C O is not needed for stability; however, it does
*improve transient response.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (-5.0 V)
(-12, -15, -18V)
(-24V)
Vl
-30
-35
-40
Vdc
Storage Temperature Range
Tstg
-65 to +150
°C
Operating Junction Temperature Range
TJ
+150
°C


Html Pages

1  2  3  4 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn