Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDLX-3461 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDLX-3461
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLX-3461 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDLX-3461 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLX-3461 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Four Character 6.9 mm
(0.27 inch) Smart 5 x 7
Alphanumeric Displays
Technical Data
HDLX-3416 Series
Features
• Smart Alphanumeric Display
Built-in RAM, ASCII Decoder,
and LED Drive Circuitry
• Software Controlled
Dimming and Blanking
• 128 ASCII Character Set
• End-Stackable
• Categorized for Luminous
Intensity
Yellow and Green Categories
for Color
Use of Like Categories Yields a
Uniform Display
• Wide Operating
Temperature Range
-40
°C to +85°C
• Wave Solderable
• Wide Viewing Angle
(50
° Typical)
Description
These are 5 x 7 dot matrix
displays with four 0.27" tall
characters, driven by an on-board
CMOS IC. The IC stores and
decodes 7 bit ASCII data and
displays it with an easy to read
5 x 7 font. Multiplexing circuitry
and drivers are included in the IC
to allow the display to interface
simply with bus-based micro-
processor systems.
The address and data inputs of
the display can be directly con-
nected to the microprocessor
address and data buses.
These displays are related to
the HDLX-2416 family, and thus
share the same enhancements
over the HPDL-2416 segmented
displays. These features include
support for the full 128 character
ESD Warning: Standard CMOS handling precautions should be observed with the HDLX-3416.
US ASCII character set, 8 level
dimming control, external
hardware dimming capability,
and digit blanking.
An extended function disable
exists for those designers who
desire compatibility with
competitive displays. This
function disables the dimming
and digit blanking controls.
Devices:
High Efficiency Red
Orange
Yellow
Green
HDLO-3416
HDLA-3416
HDLY-3416
HDLG-3416


Similar Part No. - HDLX-3461

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results

Similar Description - HDLX-3461

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-2490 HP-HDSP-2490 Datasheet
276Kb / 5P
   FOUR CHARACTER 6.9mm (0.27 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDSP-2000 HP-HDSP-2000 Datasheet
491Kb / 5P
   FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
   Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
   Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com