Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ABT373 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT373
Description  Octal Transparent Latch with TRI-STATE Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT373 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54ABT373 Datasheet HTML 1Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Ambient Temperature under Bias
b
55 Cto a125 C
Junction Temperature under Bias
Ceramic
b
55 Cto a175 C
Plastic
b
55 Cto a150 C
VCC Pin Potential to
Ground Pin
b
05V to a70V
Input Voltage (Note 2)
b
05V to a70V
Input Current (Note 2)
b
30 mA to a50 mA
Voltage Applied to Any Output
in the Disabled or
Power-Off State
b
05V to a55V
in the HIGH State
b
05V to VCC
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
DC Latchup Source Current
OE Pin
b
150 mA
(Across Comm Operating Range) Other Pins b500 mA
Over Voltage Latchup (IO)
10V
Note 1
Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired Functional operation under
these conditions is not implied
Note 2
Either voltage limit or current limit is sufficient to protect inputs
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
b
55 Cto a125 C
Commercial
b
40 Cto a85 C
Supply Voltage
Military
a
45V to a55V
Commercial
a
45V to a55V
Minimum Input Edge Rate
(DV Dt)
Data Input
50 mVns
Enable Input
20 mVns
DC Electrical Characteristics
Symbol
Parameter
ABT373
Units
VCC
Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
20
V
Recognized HIGH Signal
VIL
Input LOW Voltage
08
V
Recognized LOW Signal
VCD
Input Clamp Diode Voltage
b
12
V
Min
IIN eb18 mA
VOH
Output HIGH Voltage
54ABT74ABT
25
IOH eb3mA
54ABT
20
V
Min
IOH eb24 mA
74ABT
20
IOH eb32 mA
VOL
Output LOW Voltage
54ABT
055
V
Min
IOL e 48 mA
74ABT
055
IOL e 64 mA
IIH
Input HIGH Current
5
m
A
Max
VIN e 27V (Note 2)
5VIN e VCC
IBVI
Input HIGH Current Breakdown Test
7
m
A
Max
VIN e 70V
IIL
Input LOW Current
b
5
m
A
Max
VIN e 05V (Note 2)
b
5VIN e 00V
VID
Input Leakage Test
475
V
00
IID e 19 mA
All Other Pins Grounded
IOZH
Output Leakage Current
50
m
A0 b 55V VOUT e 27V OE e 20V
IOZL
Output Leakage Current
b
50
m
A0 b 55V VOUT e 05V OE e 20V
IOS
Output Short-Circuit Current
b
100
b
275
mA
Max
VOUT e 00V
ICEX
Output High Leakage Current
50
m
A
Max
VOUT e VCC
IZZ
Bus Drainage Test
100
m
A
00
VOUT e 55V All Others GND
ICCH
Power Supply Current
50
m
A
Max
All Outputs HIGH
ICCL
Power Supply Current
30
mA
Max
All Outputs LOW
ICCZ
Power Supply Current
50
m
A
Max
OE e VCC
All Others at VCC or GND
ICCT
Additional ICC Input
Outputs Enabled
25
mA
VI e VCC b 21V
Outputs TRI-STATE
25
mA
Max
Enable Input VI e VCC b 21V
Outputs TRI-STATE
25
mA
Data Input VI e VCC b 21V
All Others at VCC or GND
ICCD
Dynamic ICC
No Load
mA
Max
Outputs Open LE e VCC
(Note 2)
012
MHz
OE e GND (Note 1)
One Bit Toggling 50% Duty Cycle
Note 1
For 8 bits toggling ICCD k 08 mAMHz
Note 2
Guaranteed but not tested
3


Similar Part No. - 54ABT373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373E-QML NSC-54ABT373E-QML Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373J-QML NSC-54ABT373J-QML Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373W-QML NSC-54ABT373W-QML Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 54ABT373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
JM54AC373BRA TI-JM54AC373BRA Datasheet
211Kb / 12P
[Old version datasheet]   54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com