Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2617RHBR Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # VCA2617RHBR
Description  Dual, Variable Gain Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VCA2617RHBR Datasheet(HTML) 4 Page - Burr-Brown (TI)

  VCA2617RHBR Datasheet HTML 1Page - Burr-Brown (TI) VCA2617RHBR Datasheet HTML 2Page - Burr-Brown (TI) VCA2617RHBR Datasheet HTML 3Page - Burr-Brown (TI) VCA2617RHBR Datasheet HTML 4Page - Burr-Brown (TI) VCA2617RHBR Datasheet HTML 5Page - Burr-Brown (TI) VCA2617RHBR Datasheet HTML 6Page - Burr-Brown (TI) VCA2617RHBR Datasheet HTML 7Page - Burr-Brown (TI) VCA2617RHBR Datasheet HTML 8Page - Burr-Brown (TI) VCA2617RHBR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
VCA2617
SBOS326 −AUGUST 2005
www.ti.com
4
PIN CONFIGURATION
IN
A+
NC
V
DDR
VB
V
CM
GNDR
NC
IN
B+
V
CNTLA
V
CLMPA
HGA
NC
PD
HGB
V
CLMPB
V
CNTLB
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VCA2617
(Thermal Pad tied to
Ground Potential)
PIN DESCRIPTIONS
PIN
DESIGNATOR
DESCRIPTION
PIN
DESIGNATOR
DESCRIPTION
1
INA+
Channel A +Input
17
VCNTLB
Channel B Gain Control Voltage Input
2
NC
No Internal Connection
18
VCLMPB
Channel B Clamp Voltage
3
VDDR
Reference Supply
19
HGB
Channel B High/Low Output Gain (High = Low Gain)
4
VB
Bias Voltage, 0.1
µF Bypass Capacitor
20
PD
Power Down (Active High)
5
VCM
Common-mode Voltage, 0.1
µF Bypass Capacitor
21
NC
No Internal Connection
6
GNDR
Internal Reference Ground
22
HGA
Channel A High/Low Output Gain (High = Low Gain)
7
NC
No Internal Connection
23
VCLMPA
Channel A Clamp Voltage
8
INB+
Channel B+ Input
24
VCNTLA
Channel A Gain Control Voltage Input
9
INB−
Channel B− Input
25
OutA+
Channel A+ Output
10
NC
No Internal Connection
26
OutA−
Channel A− Output
11
CB2
Channel B, External Coupling Capacitor
27
GNDA
Channel A Ground
12
CB1
Channel B, External Coupling Capacitor
28
VDDA
Channel A Supply
13
VDDB
Channel B Supply
29
CA1
Channel A; External Coupling Capacitor
14
GNDB
Channel B Ground
30
CA2
Channel A; External Coupling Capacitor
15
OutB−
Channel B− Output
31
NC
No Internal Connection
16
OutB+
Channel B+ Output
32
INA−
Channel A− Input


Similar Part No. - VCA2617RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA2617 TI-VCA2617 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA2617 TI1-VCA2617 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
More results

Similar Description - VCA2617RHBR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD604 AD-AD604_08 Datasheet
892Kb / 32P
   Dual, Ultralow Noise Variable Gain Amplifier
Rev. D
logo
Integrated Device Techn...
IDTF1241 IDT-IDTF1241 Datasheet
1Mb / 20P
   Dual IF Digital Variable Gain Amplifier
logo
Analog Devices
AD604 AD-AD604 Datasheet
497Kb / 20P
   Dual, Ultralow Noise Variable Gain Amplifier
REV. 0
AD604 AD-AD604_15 Datasheet
930Kb / 33P
   Dual, Ultralow Noise Variable Gain Amplifier
Rev. G
logo
Renesas Technology Corp
F1241 RENESAS-F1241 Datasheet
1Mb / 21P
   Dual IF Digital Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com