Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE13005D Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # TE13005D
Description  Silicon NPN High Voltage Switching Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TE13005D Datasheet(HTML) 7 Page - TEMIC Semiconductors

  TE13005D Datasheet HTML 1Page - TEMIC Semiconductors TE13005D Datasheet HTML 2Page - TEMIC Semiconductors TE13005D Datasheet HTML 3Page - TEMIC Semiconductors TE13005D Datasheet HTML 4Page - TEMIC Semiconductors TE13005D Datasheet HTML 5Page - TEMIC Semiconductors TE13005D Datasheet HTML 6Page - TEMIC Semiconductors TE13005D Datasheet HTML 7Page - TEMIC Semiconductors TE13005D Datasheet HTML 8Page - TEMIC Semiconductors TE13005D Datasheet HTML 9Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TE13004D
• TE13005D
TELEFUNKEN Semiconductors
Rev. A2, 18-Jul-97
7 (9)
0
1
234
0.01
0.1
1
10
IC – Collector Current ( A )
5
95 9908
ts
tf
hFE = 5
IB1 = –IB2
Tcase = 25°C
R–load
Figure 11. ts, tf vs. IC
0
1
234
0.01
0.1
1
10
5
95 9910
IC – Collector Current ( A )
ts
tf
hFE = 5
IB1 = –IB2
Tcase = 25°C
L–load
Figure 12. ts, tf vs. IC
0.01
0.1
1
10
0.01
0.1
1
10
tp – Pulse Length ( ms )
100
95 10962
DC
tp/T = 0.5
0.2
0.1
0.01
0.02
0.05
Figure 13.
0
1
234
0.01
0.1
1
10
–IB2/IB1
5
95 9909
ts
tf
IC = 2A
IB1 = 0.4A
Tcase = 25°C
R–load
Figure 14. ts, tf vs. –IB2/IB1
0
1
234
0.01
0.1
1
10
–IB2/IB1
5
95 9911
ts
tf
IC = 2A
IB1 = 0.4A
Tcase = 25°C
L–load
Figure 15. Error during Connect – 6107


Similar Part No. - TE13005D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TE1305 VISHAY-TE1305 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
More results

Similar Description - TE13005D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BUF644 VISHAY-BUF644 Datasheet
92Kb / 9P
   Silicon NPN High Voltage Switching Transistor
Rev. 2, 20-Jan-99
BUF7216 VISHAY-BUF7216 Datasheet
92Kb / 8P
   Silicon NPN High Voltage Switching Transistor
Rev. 1, 20-Jan-99
logo
TEMIC Semiconductors
BUF742 TEMIC-BUF742 Datasheet
129Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF636A TEMIC-BUF636A Datasheet
126Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF744 TEMIC-BUF744 Datasheet
133Kb / 9P
   Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUD616A VISHAY-BUD616A Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
Rev. 1, 20-Jan-99
logo
TEMIC Semiconductors
BUF654 TEMIC-BUF654 Datasheet
134Kb / 9P
   Silicon NPN High Voltage Switching Transistor
logo
Vaishali Semiconductor
BUD700D VAISH-BUD700D Datasheet
99Kb / 8P
   Silicon NPN High Voltage Switching Transistor
logo
TEMIC Semiconductors
BUF650 TEMIC-BUF650 Datasheet
88Kb / 8P
   Silicon NPN High Voltage Switching Transistor
BUF653 TEMIC-BUF653 Datasheet
132Kb / 8P
   Silicon NPN High Voltage Switching Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com