Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMLB-32R-500-T2H-D-QI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HCMLB-32R-500-T2H-D-QI
Description  High enerhy absorption cylinder, double acting/single rod type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HCMLB-32R-500-T2H-D-QI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HCMLB-32R-500-T2H-D-QI Datasheet HTML 1Page - List of Unclassifed Manufacturers HCMLB-32R-500-T2H-D-QI Datasheet HTML 2Page - List of Unclassifed Manufacturers HCMLB-32R-500-T2H-D-QI Datasheet HTML 3Page - List of Unclassifed Manufacturers HCMLB-32R-500-T2H-D-QI Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1418
High energy absorption cylinder, double acting/single rod type
HCM Series
• Bore size: 20, 25, 32, 40, 50, 63 mm
JIS symbol
Specifications
Descriptions
HCM
Bore size
mm
Actuation
Working fluid
Max. working pressure MPa
Min. working pressure
MPa
Withstanding pressure
MPa
Ambient temperature
°C
Port size
Stroke length tolerance
mm
Working piston speed
mm/s
Cushion
Lubrication
Air cushion
Effective cushion length mm
Double acting
Compressed air
1.0
0.15
1.6
-10 to 60 (to be unfrozen)
50 to 2000 (use this within the range of allowable energy absorption.)
Air cushion
Not required (when lubrication, use turbine oil Class 1 ISOVG32.)
20 dia.
Rc1/8
3
56.5
25 dia.
Rc1/8
5
56.5
32 dia.
Rc1/4
9
56.5
40 dia.
Rc1/4
14
55.5
50 dia.
Rc 3/8
23
58.5
63 dia.
Rc 3/8
30
58.5
+2.0
0
+2.0
0
Note 1: When kinetic energy exceeds this value, consider installing an external shock absorber.
Please refer to Page 1428 to 1431 about energy calculation/size selection.
Stroke length
Stroke length (Note 1)
Bore size
mm
Stroke range
mm
20 dia.
25 dia.
200 to 700
32 dia.
40 dia.
50 dia.
200 to 1000
63 dia.
Note 1: Consult with CKD about stroke length other than above.
Cylinder mass
Bore size (mm)
20 dia.
Product mass
when 0 mm stroke
Switch mass (per switch)
Additional mass per stroke length without switch 100mm
Additional mass per stroke length with switch rail 100mm
0.33
0.44
0.36
0.012
0.014
25 dia.
0.47
0.6
0.51
0.016
0.018
32 dia.
0.62
0.78
0.68
0.017
0.019
40 dia.
0.98
1.2
1.06
0.027
0.029
50 dia.
1.58
2.06
1.92
0.040
0.042
63 dia.
2.27
2.99
2.77
0.044
0.046
Basic type 00
Axial foot type LB
Flange type FA/FB
0.018
[Calculation e.g.]
Product mass of
HCM-LB-40B-500-T2H-D
When stroke length 0mm, product mass is 1.2kg.
Additional mass at stroke length 500mm is 0.029 X
= 0.145kg.
Mass of two switch is 0.018 X 2 = 0.036kg
Product mass is 1.2 + 0.145 + 0.036 = 1.381kg
500
100
(Unit: kg)
Allowable energy absorption
J Note 1


Similar Part No. - HCMLB-32R-500-T2H-D-QI

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HCM HAMMOND-HCM Datasheet
47Kb / 1P
   Etrie de retenue horizontal
logo
Mitsubishi Electric Sem...
HCM-1002-H MITSUBISHI-HCM-1002-H Datasheet
128Kb / 7P
   HIGH VOLTAGE IGBT MODULE TARGET SPECIFICATION
logo
Lanner All Rights Reser...
HCM-1030 LANNER-HCM-1030 Datasheet
397Kb / 1P
   100 GbE Switch Blade with Broadcom StrataXGS Tomahawk BCM56960
V6-2022,4,14
HCM-1030E LANNER-HCM-1030E Datasheet
397Kb / 1P
   100 GbE Switch Blade with Broadcom StrataXGS Tomahawk BCM56960
V6-2022,4,14
logo
Eaton All Rights Reserv...
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
   High current power inductors
More results

Similar Description - HCMLB-32R-500-T2H-D-QI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA2W ETC1-CA2W Datasheet
225Kb / 5P
   Air Cylinder/Double Acting Double Rod
logo
Festo Corporation.
DPZ-10-25-P-A-KF FESTO-DPZ-10-25-P-A-KF Datasheet
96Kb / 1P
   Dual piston rod cylinder
DPZ-10-25-P-A-KF-S2 FESTO-DPZ-10-25-P-A-KF-S2 Datasheet
89Kb / 1P
   Dual piston rod cylinder
DPZ-10-25-P-A-S2 FESTO-DPZ-10-25-P-A-S2 Datasheet
88Kb / 1P
   Dual piston rod cylinder
DPZ-10-50-P-A-S2 FESTO-DPZ-10-50-P-A-S2 Datasheet
89Kb / 1P
   Dual piston rod cylinder
DPZ-16-10-P-A-S2 FESTO-DPZ-16-10-P-A-S2 Datasheet
89Kb / 1P
   Dual piston rod cylinder
DPZ-16-25-P-A-S2 FESTO-DPZ-16-25-P-A-S2 Datasheet
89Kb / 1P
   Dual piston rod cylinder
DPZ-16-50-P-A-KF-S2 FESTO-DPZ-16-50-P-A-KF-S2 Datasheet
89Kb / 1P
   Dual piston rod cylinder
DPZ-20-10-P-A-KF-S2 FESTO-DPZ-20-10-P-A-KF-S2 Datasheet
88Kb / 1P
   Dual piston rod cylinder
DPZ-25-10-P-A-KF-S2 FESTO-DPZ-25-10-P-A-KF-S2 Datasheet
89Kb / 1P
   Dual piston rod cylinder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com