Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3795ETG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3795ETG
Description  1Gbps to 4.25Gbps Multirate VCSEL Driver with Diagnostic Monitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3795ETG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3795ETG Datasheet HTML 1Page - Maxim Integrated Products MAX3795ETG Datasheet HTML 2Page - Maxim Integrated Products MAX3795ETG Datasheet HTML 3Page - Maxim Integrated Products MAX3795ETG Datasheet HTML 4Page - Maxim Integrated Products MAX3795ETG Datasheet HTML 5Page - Maxim Integrated Products MAX3795ETG Datasheet HTML 6Page - Maxim Integrated Products MAX3795ETG Datasheet HTML 7Page - Maxim Integrated Products MAX3795ETG Datasheet HTML 8Page - Maxim Integrated Products MAX3795ETG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1Gbps to 4.25Gbps Multirate VCSEL Driver
with Diagnostic Monitors
_______________________________________________________________________________________
5
ELECTRICAL EYE DIAGRAM
MAX3795 toc01
40ps/div
75mV/div
4.25Gbps, K28.5, 10mA MODULATION,
PEAKING OFF
ELECTRICAL EYE DIAGRAM
MAX3795 toc02
152ps/div
75mV/div
1Gbps, K28.5, 10mA MODULATION,
RPEAKSET = 1.4k
OPTICAL EYE DIAGRAM
MAX3795 toc03
135ps/div
1
2
3
1Gbps, K28.5, -3dBm, 850nm VCSEL
ADVANCED OPTICAL COMPONENTS,
HFE4191-541
OPTICAL EYE DIAGRAM
MAX3795 toc04
34ps/div
4.25Gbps, K28.5, -7dBm, 850nm VCSEL,
ADVANCED OPTICAL COMPONENTS
HFE4191-541
OPTICAL EYE DIAGRAM
MAX3795 toc05
50ps/div
3.125Gbps, K28.5, -7dBm, 850nm VCSEL,
ADVANCED OPTICAL COMPONENTS
HFE4191-541
IBIASMON vs. BIAS CURRENT
BIAS CURRENT (mA)
12
8
4
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
016
DETERMINISTIC JITTER
vs. MODULATION CURRENT
MODULATION CURRENT (mAP-P)
5
10
15
20
25
30
35
40
0
02
468
10
12 14
16 18 20
RANDOM JITTER
vs. MODULATION CURRENT
MODULATION CURRENT (mAP-P)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
02
468
10
12 14
16 18 20
IBIAS = 5mA
TRANSITION TIME
vs. MODULATION CURRENT
MODULATION CURRENT (mA)
10
20
30
40
50
60
70
02
468
10
12
14
MEASURED FROM 20%
FALL TIME
RISE TIME
Typical Operating Characteristics
(VCC = +3.3V, RTC = 0
Ω, PEAKSET open, measured electrically with a 50Ω load AC-coupled to OUT+, TA = +25°C, unless otherwise
noted.)


Similar Part No. - MAX3795ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3795EVKIT MAXIM-MAX3795EVKIT Datasheet
343Kb / 6P
   Allows Optical and Electrical Evaluation
Rev 0, 11/04
More results

Similar Description - MAX3795ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
   1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
MAX3740A MAXIM-MAX3740A Datasheet
286Kb / 14P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 1; 6/04
MAX3799 MAXIM-MAX3799_V01 Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
2012
MAX3799 MAXIM-MAX3799_10 Datasheet
1Mb / 36P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 1; 6/10
MAX3740 MAXIM-MAX3740 Datasheet
818Kb / 14P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
19-2679; Rev 2; 7/03
MAX3740A MAXIM-MAX3740A_10 Datasheet
585Kb / 15P
   3.2Gbps SFP VCSEL Driver with Diagnostic Monitors
Rev 3; 1/10
MAX3799 MAXIM-MAX3799 Datasheet
1Mb / 35P
   1Gbps to 14Gbps, SFP Multirate Limiting Amplifier and VCSEL Driver
Rev 0; 8/09
logo
Micrel Semiconductor
SY84402L MICREL-SY84402L Datasheet
292Kb / 7P
   4.25Gbps VCSEL Driver
SY88992L MICREL-SY88992L Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
SY88992L MICREL-SY88992L_11 Datasheet
767Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com