Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA0194A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TA0194A
Description  SAW Filter 1220 MHz SMD 3.8X3.8mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TA0194A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TA0194A Datasheet HTML 1Page - List of Unclassifed Manufacturers TA0194A Datasheet HTML 2Page - List of Unclassifed Manufacturers TA0194A Datasheet HTML 3Page - List of Unclassifed Manufacturers TA0194A Datasheet HTML 4Page - List of Unclassifed Manufacturers TA0194A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1220 MHz SMD 3.8X3.8mm
MODEL NO.: TA0194A
REV. NO.5
A. MAXIMUM RATING:
1.Operating Temperature: -40
°C ~ +85°C
2.Storage Temperature: -40
°C ~ +85°C
B. Characteristics :
Balanced to Balanced operation
Terminating source impedance :
Zs = 200 Ω
Terminating load impedance :
ZL = 200 Ω
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency
FC
MHz
-
1220
-
-
Insertion loss( 1216~1224 MHz) I.L.
dB
-
3.7
4.8
-
Ripple ( 1216~1224MHz)
dB
-
0.8
1.5
-
Attenuation:( Reference level from 0 dB)
1)500..Fc-93
MHz
dB
50
60
-
-
2)Fc-93…Fc-85 MHz
dB
46
53
-
-
3)Fc-85…Fc-68 MHz
dB
46
53
-
-
5)
Fc-88 MHz
dB
50
55
-
-
6)
Fc-72 MHz
dB
48
65
-
-
7)
Fc-44 MHz
dB
50
54
-
-
8)
Fc-36 MHz
dB
46
62
-
-
9)Fc+70…2000 MHz
dB
50
61
-
-
Group delay ripple(p-p) ( 1216~1224MHz) nS
-
40
-
C. Measurement Circuit:


Similar Part No. - TA0194A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0194A TAI-SAW-TA0194A Datasheet
297Kb / 5P
   SAW Filter 1220 MHz
logo
Golledge Electronics Lt...
TA0194A GOLLEDGE-TA0194A Datasheet
97Kb / 4P
   SAW Filter 1220MHz
More results

Similar Description - TA0194A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0259A TAI-SAW-TA0259A Datasheet
466Kb / 5P
   SAW Filter 1220 MHz SMD 3.8X3.8mm
logo
RF Monolithics, Inc
SF2194E RFM-SF2194E Datasheet
475Kb / 5P
   1220 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0194A TAI-SAW-TA0194A Datasheet
297Kb / 5P
   SAW Filter 1220 MHz
logo
TriQuint Semiconductor
856298 TRIQUINT-856298_15 Datasheet
376Kb / 6P
   1220 MHz SAW Filter
856184 TRIQUINT-856184 Datasheet
580Kb / 5P
   1220 MHz SAW Filter
856183 TRIQUINT-856183 Datasheet
559Kb / 5P
   1220 MHz SAW Filter
logo
RF Monolithics, Inc
SF2032E RFM-SF2032E Datasheet
166Kb / 5P
   1220 MHz SAW Filter
SF2017D RFM-SF2017D Datasheet
178Kb / 4P
   1220 MHz SAW Filter
SF2081E RFM-SF2081E Datasheet
614Kb / 4P
   1220 MHz SAW Filter
logo
TriQuint Semiconductor
856298 TRIQUINT-856298 Datasheet
564Kb / 5P
   1220 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com