Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC1019-683 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VC1019-683
Description  axial inductors offers the user excellent reliability, over a wide inductance range, along with high current handling.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VC1019-683 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VC1019-683 Datasheet HTML 1Page - List of Unclassifed Manufacturers VC1019-683 Datasheet HTML 2Page - List of Unclassifed Manufacturers VC1019-683 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ECM High Power Axial Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
RDC
MAX
(
Ω)
IDC
ISAT
(A)
IDC
IN
(A)
VC1019-3R9
3.9
K
0.007
15.50
4.00
VC1019-4R7
4.7
K
0.008
13.90
4.00
VC1019-5R6
5.6
K
0.011
12.60
4.00
VC1019-6R8
6.8
K
0.011
11.60
4.00
VC1019-8R2
8.2
K
0.013
9.89
4.00
VC1019-100
10
K
0.017
8.70
4.00
VC1019-120
12
K
0.019
8.21
4.00
VC1019-150
15
K
0.022
7.34
4.00
VC1019-180
18
K
0.023
6.64
4.00
VC1019-220
22
K
0.026
6.07
4.00
VC1019-270
27
K
0.027
5.36
4.00
VC1019-330
33
K
0.032
4.82
4.00
VC1019-390
39
K
0.033
4.36
4.00
VC1019-470
47
K
0.035
3.98
4.00
VC1019-560
56
K
0.037
3.66
3.20
VC1019-680
68
K
0.047
3.31
2.50
VC1019-820
82
K
0.060
3.10
2.00
VC1019-101
100
K
0.090
2.79
1.60
VC1019-121
120
K
0.113
2.54
1.60
VC1019-151
150
K
0.129
2.22
1.60
VC1019-181
180
K
0.150
1.98
1.60
VC1019-221
220
K
0.162
1.89
1.60
VC1019-271
270
K
0.208
1.63
1.60
VC1019-331
330
K
0.212
1.51
1.60
VC1019-391
390
K
0.281
1.39
1.60
VC1019-471
470
K
0.380
1.24
1.20
VC1019-561
560
K
0.420
1.17
1.00
VC1019-681
680
K
0.548
1.05
1.00
VC1019-821
820
K
0.655
0.97
0.80
VC1019-102
1000
K
0.844
0.87
0.80
VC1019-122
1200
K
1.040
0.79
0.60
VC1019-152
1500
K
1.180
0.70
0.60
VC1019-182
1800
K
1.560
0.64
0.60
VC1019-222
2200
K
2.000
0.58
0.50
VC1019-272
2700
K
2.060
0.53
0.40
VC1019-332
3300
K
2.530
0.47
0.40
VC1019-392
3900
K
2.750
0.43
0.40
VC1019-472
4700
K
3.190
0.39
0.40
VC1019-562
5600
K
3.920
0.359
0.32
VC1019-682
6800
K
5.690
0.322
0.25
VC1019-822
8200
K
6.320
0.293
0.25
TOLERANCE: K=10%.


Similar Part No. - VC1019-683

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
VC1019-683 ECM-VC1019-683 Datasheet
60Kb / 3P
   High Power Axial Inductors
More results

Similar Description - VC1019-683

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
XRCGB24M000F3A00R0 MURATA-XRCGB24M000F3A00R0 Datasheet
186Kb / 3P
   the series has high reliability and available for a wide temperature range
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS24M5X53-B0 MURATA-CSALS24M5X53-B0 Datasheet
193Kb / 3P
   stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
   stable over a wide temperature range
CSALS20M0X53-A0 MURATA-CSALS20M0X53-A0 Datasheet
186Kb / 3P
   stable over a wide temperature range
CSALS24M0X53-A0 MURATA-CSALS24M0X53-A0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS16M0X55-B0 MURATA-CSALS16M0X55-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS16M0X55Z-B0 MURATA-CSALS16M0X55Z-B0 Datasheet
187Kb / 3P
   stable over a wide temperature range
CSALS20M0X53-B0 MURATA-CSALS20M0X53-B0 Datasheet
184Kb / 3P
   stable over a wide temperature range
CSALS24M0X53-B0 MURATA-CSALS24M0X53-B0 Datasheet
184Kb / 3P
   stable over a wide temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com