Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZ1225M Datasheet(PDF) 4 Page - Integral Corp.

Part # IZ1225M
Description  BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1225M Datasheet(HTML) 4 Page - Integral Corp.

  IZ1225M Datasheet HTML 1Page - Integral Corp. IZ1225M Datasheet HTML 2Page - Integral Corp. IZ1225M Datasheet HTML 3Page - Integral Corp. IZ1225M Datasheet HTML 4Page - Integral Corp. IZ1225M Datasheet HTML 5Page - Integral Corp. IZ1225M Datasheet HTML 6Page - Integral Corp. IZ1225M Datasheet HTML 7Page - Integral Corp. IZ1225M Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IZ1225M
4
Memory protection
In any error detection, the memory content is retained.
Memory indication
If the memory content is not zero, “M” is indicated in the sign-digit position.
Doubler key depression
The order of the priority when two keys are being depressed simultaneously, is as follows:
OFF
ON/C
5
ON/CE
64
RM/CM
.
9
-
8
7
CM
2
3
1
0
x
M +
=
+/-
CE
+
M -
%
RM
..
When the OFF and ON/C key are depressed simultaneously, the OFF key is given priority.
Key bounce protection
Front edge
Down to 1 word and up to about 3 words.
Trailing edge
9 words
1 word is 3.3ms when display frequency is fd = 100Hz.
DISPLAY FONTS
• Numericals font
Sigh font
0HPRU\
HUURU
PLQXV
,
SXQFWXDWLRQ
WRXFK WRQHLQGLFDWRU


Similar Part No. - IZ1225M

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
IZ1228M INTEGRAL-IZ1228M Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
More results

Similar Description - IZ1225M

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
logo
ELAN Microelectronics C...
EM91465 EMC-EM91465 Datasheet
280Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Winbond
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
   13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
logo
ELAN Microelectronics C...
EM91455 EMC-EM91455 Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Integral Corp.
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
   Scientific 10 Digits LCD Calculator
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com