Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IZ1225MR Datasheet(PDF) 1 Page - Integral Corp.

Part # IZ1225MR
Description  BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1225MR Datasheet(HTML) 1 Page - Integral Corp.

  IZ1225MR Datasheet HTML 1Page - Integral Corp. IZ1225MR Datasheet HTML 2Page - Integral Corp. IZ1225MR Datasheet HTML 3Page - Integral Corp. IZ1225MR Datasheet HTML 4Page - Integral Corp. IZ1225MR Datasheet HTML 5Page - Integral Corp. IZ1225MR Datasheet HTML 6Page - Integral Corp. IZ1225MR Datasheet HTML 7Page - Integral Corp. IZ1225MR Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IZ1225M
1
BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH
TONE AND PUNCTUATION FUNCTION
The IZ1225M is a single chip CMOS LSI with 8-digit arithmetic operation, single
memory, extraction-of-square-root, percentage calculation and auto power off and
punctuation and touch tone function, designed for FEM LCD operation with a 1.5V power
supply.
FUNCTIONS
• Four standard functions (+, -, ×, ÷ )
• Auto constant calculations (constant:
multiplicand, divisor,
addend and subtrahend)
• Square and reciprocal calculations
• Mark-up and mark-down calculations
• Extraction of square root
• Percentage calculations
• Chain multiplication and division
• Power calculations
• Rough estimate calculations
• Touch tone function
• Punctuation comma display
• Clear key: ON/C, ON/CE, CE
FEATURES
• Single chip CMOS construction
• Floating decimal point
• LCD direct drive
• Overflow indication: “E”
• Accumulating memory: M+, M-,
RM, CM, RM/CM
• 48 QFP and bare chip available
• Mirror type
ABSOLUTE MAXIMUM RATINGS (Ta = 25
oC)
Characteristic
Symbol
Value
Unit
Note
VGG
- 0.3 ~ + 3.5
V
Terminal Voltage
VIN
- 0.3 ~ VGG + 0.3
V
1
Supply Voltage
VGG
2.5 ~ 3.5
V
Operating Temperature
T
OPR
0 ~ + 50
oC
Storage Temperature
Tstg
- 55 ~ + 125
oC
Note: 1. Maximum voltage on any pin with respect to the GND


Similar Part No. - IZ1225MR

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
IZ1228M INTEGRAL-IZ1228M Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
More results

Similar Description - IZ1225MR

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
logo
ELAN Microelectronics C...
EM91465 EMC-EM91465 Datasheet
280Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Winbond
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
   13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
logo
ELAN Microelectronics C...
EM91455 EMC-EM91455 Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Integral Corp.
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
   Scientific 10 Digits LCD Calculator
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com