Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FPG2 Datasheet(PDF) 1 Page - Schurter Inc.

Part No. FPG2
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FPG2 Datasheet(HTML) 1 Page - Schurter Inc.

  FPG2_V01 Datasheet HTML 1Page - Schurter Inc. FPG2_V01 Datasheet HTML 2Page - Schurter Inc. FPG2_V01 Datasheet HTML 3Page - Schurter Inc. FPG2_V01 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Fuseholder
FPG2
https://www.schurter.com /PG02
Circuit Protection
Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
FPG2
slotted
black
FPG2
With Finger Grip
black
fingergrip
See below:
Approvals and Compliances
250 VAC · 2.5W/10A (VDE) · 500V · 16A (UL/CSA)
Description
- Compact design
- Mounting from rear-side
- Degree of protection IP67 available
Applications
- Household appliances
- Medical Equipment
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Accessories, Detailed request for product, Microsite
Technical Data
Shock-Safe Category
PC2
Fuse-Link
5 x 20 mm
Mounting
Panel mount, Rear Side
Attachment
Fixing Nut
Terminal
Solder / Quick-Connect 4.8 x 0.5 mm
Rated Voltage
250 VAC (VDE), 500 V (UL/CSA)
Rated current
10 A (VDE), 16 A (UL/CSA)
Rated Power Acceptance IEC 2.5 W / 10 A @ Ta 23 °C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Degree of Protection
IP40 / IP67
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Admissible Ambient Air Temp. -40 °C to 85 °C
Climatic Category
40/085/21 acc. to IEC 60068-1
Material: Socket
Thermoplastic, black, UL 94V-0
Material: Terminals
Copper alloy, tin-plated
Unit Weight
6.01 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Rated Voltage, Rated current,
Power Rating, Certification marks
Soldering Methods
Iron
Soldering Profile
Solderability
350 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Resistance to Soldering Heat
350 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 2
Solderability
350 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Contact Resistance
≤ 10mΩ at 100 mA acc. to IEC
60127-6
Dielectric Strength
> 3 kV between life parts
(50 Hz: 1 min)
Impulse Withstand Voltage
> 4 kV between life parts
Insulation Resistance
≥ 10MΩ between life parts
(500 VDC: 1 min)
Overvoltage Category
III acc. to IEC 60664-1
Pollution Degree
3 acc. to IEC 60664-1
Resistance to Vibration
acc. to IEC 60068-2-6, test Fc
Admissible Torque on Fixing
Nut
max 1.2 Nm
Panel Thickness
max 8 mm
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.


Similar Part No. - FPG2_V01

ManufacturerPart No.DatasheetDescription
Schurter Inc.
Schurter Inc.
FPG2 SCHURTER-FPG2 Datasheet
468Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
More results

Similar Description - FPG2_V01

ManufacturerPart No.DatasheetDescription
Schurter Inc.
Schurter Inc.
FPG1 SCHURTER-FPG1_V02 Datasheet
365Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 67, IEC 60335-1
04.01.2022
FPG2 SCHURTER-FPG2 Datasheet
468Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
FPG1 SCHURTER-FPG1 Datasheet
466Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 67, IEC 60335-1
23316P SCHURTER-23316P Datasheet
252Kb / 1P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
23316P SCHURTER-23316P_16 Datasheet
236Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
23316P SCHURTER-23316P_18 Datasheet
239Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
FEF SCHURTER-FEF_V02 Datasheet
348Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
04.01.2022
FEF SCHURTER-FEF_18 Datasheet
266Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
FPG4 SCHURTER-FPG4_V01 Datasheet
271Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, vertical, IEC 60335-1
FIO SCHURTER-FIO_V01 Datasheet
314Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, IP 40 / IP 65
15.09.2021
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz