Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FPG2 Datasheet(PDF) 2 Page - Schurter Inc.

Part No. FPG2
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FPG2 Datasheet(HTML) 2 Page - Schurter Inc.

  FPG2_V01 Datasheet HTML 1Page - Schurter Inc. FPG2_V01 Datasheet HTML 2Page - Schurter Inc. FPG2_V01 Datasheet HTML 3Page - Schurter Inc. FPG2_V01 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Fuseholder
FPG2
https://www.schurter.com /PG02
Circuit Protection
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FPG2
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 127216
UL Approvals
UL
UL File Number: E39328
KTL Approvals
KTL
Korea Testing Laboratory
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC 60127-6
Miniature fuses. Part 6. Fuse-holders for miniature fuse-links
Designed according to
UL 4248-1
Industrial Control Equipment
Designed according to
CSA C22.2 no. 4248.1
Industrial Control Equipment
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements
Designed for applications acc.
IEC 60335-1
Safety of electrical appliances for household and similar purposes. Meets
the requirements for appliances in unattended use. This includes the
enhanced requirements of glow wire tests acc. to IEC 60695-2-11 or -12
& -13.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
UKCA declaration of conformity
SCHURTER AG
The UKCA marking declares that the product complies with the applicable
requirements laid down in the British Amendment of Regulation (EC)
765/2008.
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
White Paper Glow wire test
SCHURTER AG
Meets the requirements of IEC 60335-1 for appliances in unattended use.
This includes the enhanced requirements of glow wire tests acc. to IEC
60695-2-11 or -12 &-13.
Dimension [mm]
46.5 mm
8
6
2.5
20
13.5
8
41.5
M12.7x1.5
SW14
IP40 / Variants 3101.0020 and 3101.0220
8
2.5
4
20
13.5
8
41.5
M12.7x1.5
SW14
18.5
46.5
6
IP40 / Variants Fingergrip 3101.0025 and 3101.0225


Similar Part No. - FPG2_V01

ManufacturerPart No.DatasheetDescription
Schurter Inc.
Schurter Inc.
FPG2 SCHURTER-FPG2 Datasheet
468Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
More results

Similar Description - FPG2_V01

ManufacturerPart No.DatasheetDescription
Schurter Inc.
Schurter Inc.
FPG1 SCHURTER-FPG1_V02 Datasheet
365Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 67, IEC 60335-1
04.01.2022
FPG2 SCHURTER-FPG2 Datasheet
468Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
FPG1 SCHURTER-FPG1 Datasheet
466Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 67, IEC 60335-1
23316P SCHURTER-23316P Datasheet
252Kb / 1P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
23316P SCHURTER-23316P_16 Datasheet
236Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
23316P SCHURTER-23316P_18 Datasheet
239Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
FEF SCHURTER-FEF_V02 Datasheet
348Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
04.01.2022
FEF SCHURTER-FEF_18 Datasheet
266Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
FPG4 SCHURTER-FPG4_V01 Datasheet
271Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, vertical, IEC 60335-1
FIO SCHURTER-FIO_V01 Datasheet
314Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap, IP 40 / IP 65
15.09.2021
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz