Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM9200-XX Datasheet(PDF) 16 Page - OKI electronic componets

Part # MSM9200-XX
Description  5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9200-XX Datasheet(HTML) 16 Page - OKI electronic componets

Back Button MSM9200-XX Datasheet HTML 12Page - OKI electronic componets MSM9200-XX Datasheet HTML 13Page - OKI electronic componets MSM9200-XX Datasheet HTML 14Page - OKI electronic componets MSM9200-XX Datasheet HTML 15Page - OKI electronic componets MSM9200-XX Datasheet HTML 16Page - OKI electronic componets MSM9200-XX Datasheet HTML 17Page - OKI electronic componets MSM9200-XX Datasheet HTML 18Page - OKI electronic componets MSM9200-XX Datasheet HTML 19Page - OKI electronic componets MSM9200-XX Datasheet HTML 20Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MSM9200-xx
¡ Semiconductor
16/34
Description of Commands and Functions
1. DCRAM data write 1
(Specifies the address (00H to 0FH) of DCRAM and writes the character code of CGROM and
CGRAM.)
2. DCRAM data write 2
(Specifies the address (10H to 1FH) of DCRAM and writes the character code of CGROM and
CGRAM.)
3. DCRAM data write 3
(Specifies the address (20H to 2FH) of DCRAM and writes the character code of CGROM and
CGRAM.)
4. DCRAM data write 4
(Specifies the address (30H to 3FH) of DCRAM and writes the character code of CGROM and
CGRAM.)
DCRAM (Data Control RAM) has a 6-bit address to store character code of CGROM and
CGRAM. (4 bits can be set by the user and the 2 bits on the MSB side are automatically set.)
The character code specified by DCRAM is converted to a 5¥7 dot matrix character pattern via
CGROM or CGRAM.
The capacity is 64¥8 bits, which can store 64 characters.
Note: The addresses 00H to 3FH of DCRAM are automatically incremented.
[Command format]
X0 X1 X2 X3
1000
B0 B1 B2 B3 B4 B5 B6 B7
1st byte
(1st)
LSB
MSB
C0 C1 C2 C3 C4 C5 C6 C7
B0 B1 B2 B3 B4 B5 B6 B7
2nd byte
(2nd)
LSB
MSB
: selects DCRAM data write mode and specifies DCRAM
address
(Ex: Specifies DCRAM address 00H)
: specifies character code of CGROM and CGRAM
: written into DCRAM address 00H
To specify the character code of CGROM and CGRAM continuously to the next address, specify
only character code as follows.
The addresses of DCRAM are automatically incremented. Specification of an address is
unnecessary.


Similar Part No. - MSM9200-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9201-01 OKI-MSM9201-01 Datasheet
356Kb / 35P
   Fluorescent Display Tube Controller Driver
MSM9202-01 OKI-MSM9202-01 Datasheet
345Kb / 33P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
More results

Similar Description - MSM9200-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9208A-02 ETC2-ML9208A-02 Datasheet
639Kb / 35P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
OKI electronic componet...
ML9206 OKI-ML9206 Datasheet
355Kb / 33P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
LAPIS Semiconductor Co....
ML9208-XX LAPIS-ML9208-XX Datasheet
262Kb / 33P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
OKI electronic componet...
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9202-01 OKI-MSM9202-01 Datasheet
345Kb / 33P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9208 OKI-ML9208 Datasheet
337Kb / 33P
   5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
   5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
MSC7128 OKI-MSC7128 Datasheet
200Kb / 27P
   5 x 7-Dot Character x 16-Digit Display Controller/Driver
logo
List of Unclassifed Man...
ML9208-02 ETC2-ML9208-02 Datasheet
420Kb / 33P
   5x7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
OKI electronic componet...
ML9207 OKI-ML9207 Datasheet
498Kb / 35P
   5 X 7 Dot Character 횞 24-Digit Display Controller/Driver with Character RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com