Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2110 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML2110
Description  Speech Control Processor
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2110 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML2110 Datasheet HTML 3Page - OKI electronic componets ML2110 Datasheet HTML 4Page - OKI electronic componets ML2110 Datasheet HTML 5Page - OKI electronic componets ML2110 Datasheet HTML 6Page - OKI electronic componets ML2110 Datasheet HTML 7Page - OKI electronic componets ML2110 Datasheet HTML 8Page - OKI electronic componets ML2110 Datasheet HTML 9Page - OKI electronic componets ML2110 Datasheet HTML 10Page - OKI electronic componets ML2110 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
FEDL2110-01
OKI Semiconductor
ML2110
7/101
AC Characteristics
(VDD = 3.0 to 3.6 V, Ta = –40 to 85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Source Oscillation Frequency
fOSC
20
33
MHz
Input Clock Low-Level
Minimum Width
tW_CLKL
13
ns
Input Clock High-Level
Minimum Width
tW_CLKH
8
ns
Operating Period
tCYC
30
50
ns
CLKA Delay Time
tCLK
12
ns
XO Delay Time
tXO
7
ns
Required
RST Time
tW_RST
1024
tCYC
A Delay Time
tA
29
ns
D Setup Time
tS_D
10
ns
D Hold Time
tH_D
2
ns
D Delay Time
tD
32
ns
RD Delay Time
tRD
25
ns
Falling
22
WR Delay Time
tWR
Rising
22+0.5 tCYC
ns
UPORT Delay Time
tUPORT
23
ns
EXTINT Setup Time
tS_EXINT
2
ns


Similar Part No. - ML2110

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2111 MICRO-LINEAR-ML2111 Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
ML2111CCP MICRO-LINEAR-ML2111CCP Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
ML2111CCS MICRO-LINEAR-ML2111CCS Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
ML2111CIP MICRO-LINEAR-ML2111CIP Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
More results

Similar Description - ML2110

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
   DIGITAL SPEECH PROCESSOR
logo
Microchip Technology
SP0264 MICROCHIP-SP0264 Datasheet
344Kb / 12P
   NARRATOR SPEECH PROCESSOR
1989
logo
List of Unclassifed Man...
80-0206-R ETC1-80-0206-R Datasheet
511Kb / 49P
   Speech Recognition Processor
RSC4128 ETC-RSC4128 Datasheet
690Kb / 49P
   Speech Recognition Processor
RSC-464 ETC1-RSC-464 Datasheet
400Kb / 41P
   Speech Recognition Processor
80-0210-C ETC1-80-0210-C Datasheet
271Kb / 9P
   Speech And Music Processor
80-0207-A ETC1-80-0207-A Datasheet
259Kb / 8P
   Speech And Music Processor
80-0211-C ETC1-80-0211-C Datasheet
349Kb / 12P
   Speech And Music Processor
80-0208-B ETC1-80-0208-B Datasheet
283Kb / 13P
   Speech And Music Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com