Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2302TB Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML2302TB
Description  Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2302TB Datasheet(HTML) 1 Page - OKI electronic componets

  ML2302TB Datasheet HTML 1Page - OKI electronic componets ML2302TB Datasheet HTML 2Page - OKI electronic componets ML2302TB Datasheet HTML 3Page - OKI electronic componets ML2302TB Datasheet HTML 4Page - OKI electronic componets ML2302TB Datasheet HTML 5Page - OKI electronic componets ML2302TB Datasheet HTML 6Page - OKI electronic componets ML2302TB Datasheet HTML 7Page - OKI electronic componets ML2302TB Datasheet HTML 8Page - OKI electronic componets ML2302TB Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
OKI Semiconductor
FEDL2302DIGEST-05
Issue Date: Dec. 27, 2004
ML2302
Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
1/24
GENERAL DESCRIPTION
The ML2302 is a recording and playback LSI with built-in FIFO memories for buffering. It employs the new 2-bit
ADPCM2 algorithm in addition to conventional 4-bit OKIADPCM and 4-bit OKIADPCM2 algorithms.
The ML2302 operates at 2.7 to 3.6 V and supports a variety of applications.
FEATURES
• Built-in two 1024-bit FIFOs
(buffering time of 32 ms when using 8 kHz sampling frequency and 4-bit ADPCM)
• Supports five compression algorithms for recording and playback:
2-bit OKIADPCM2; 4/5/6/7-bit OKIADPCM2; 4-bit OKIADPCM; 8/16-bit straight PCM; 8-bit OKI
Nonlinear PCM
• Source oscillation frequency 16.384 MHz
• Sampling frequency (fsam)
4.0 to 12.8 kHz (OKIADPCM2)
4.0 to 25.6 kHz (8-bit straight PCM)
• Supports 8-bit bus interface.
• Built-in voice level detection function (VAC)
• Built-in noise injection function
• Supports external DAC interface.
• Built-in volume control circuit
(0 dB to –44 dB: –2 dB step, –44 dB to –80 dB: –4 dB step)
• Built-in 14-bit A/D converter and 14-bit D/A converter
• Built-in low pass filter (LPF)
(recording side: analog filter, playback side: digital filter)
• Built-in speaker amplifier (100 mW, 8Ω)
• Power supply voltage : +2.7 to +3.6 V
• Package
: 64-pin plastic TQFP (TQFP64-P-1010-0.50-K) (ML2302TB)
: 71-pin W – CSP


Similar Part No. - ML2302TB

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2330 MICRO-LINEAR-ML2330 Datasheet
210Kb / 7P
   Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330ES-2 MICRO-LINEAR-ML2330ES-2 Datasheet
210Kb / 7P
   Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330ES-3 MICRO-LINEAR-ML2330ES-3 Datasheet
210Kb / 7P
   Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330ES-5 MICRO-LINEAR-ML2330ES-5 Datasheet
210Kb / 7P
   Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330IS-2 MICRO-LINEAR-ML2330IS-2 Datasheet
210Kb / 7P
   Selectable Dual 3V/3.3V/5V 8-Bit DACs
More results

Similar Description - ML2302TB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
   Recording and Playback LSI with Built-in FIFO
MSM9842 OKI-MSM9842 Datasheet
124Kb / 9P
   Playback LSI with Built-in FIFO
MS87V1021 OKI-MS87V1021 Datasheet
458Kb / 63P
   Recording and Playback IC with Built-in 2-Mbit DRAM
logo
Sony Corporation
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
   2-channel Recording/Playback Amplifier
logo
NXP Semiconductors
TDA1016 PHILIPS-TDA1016 Datasheet
58Kb / 9P
   Recording/playback and 2 W audio power amplifier
August 1987
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
logo
Transcend Information. ...
TS2GMP330 TRANSCEND-TS2GMP330 Datasheet
169Kb / 3P
   Built-in USB connector And Line-in Recording
logo
OKI electronic componet...
MSM9888L OKI-MSM9888L Datasheet
106Kb / 14P
   Flash-driving Recording and Playback IC
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com