Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM2902LV-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part No. LM2902LV-Q1
Description  LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2902LV-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2902LV-Q1_V02 Datasheet HTML 3Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 4Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 5Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 6Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 7Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 8Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 9Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 10Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
6.6 Electrical Characteristics
For VS = (V+) – (V–) = 2.7 V to 5.5 V (±1.35 V to ±2.75 V), TA = 25°C, RL = 10 kΩ connected to VS / 2, and VCM = VOUT =
VS / 2 (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
±1
±3
mV
VS = 5 V, TA = –40°C to 125°C
±5
dVOS/dT
VOS vs temperature
TA = –40°C to 125°C
±4
µV/°C
PSRR
Power-supply rejection ratio
VS = 2.7 V to 5.5 V, VCM = (V–)
80
100
dB
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
No phase reversal
(V–) – 0.1
(V+) – 1
V
CMRR
Common-mode rejection ratio
VS = 2.7 V, (V–) – 0.1 V < VCM < (V+) – 1 V
TA = –40°C to 125°C
84
dB
VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) – 1 V
TA = –40°C to 125°C
63
92
INPUT BIAS CURRENT
IB
Input bias current
VS = 5 V
±15
pA
IOS
Input offset current
±5
pA
NOISE
En
Input voltage noise (peak-to-peak)
ƒ = 0.1 Hz to 10 Hz, VS = 5 V
5.1
µVPP
en
Input voltage noise density
ƒ = 1 kHz, VS = 5 V
40
nV/√ Hz
INPUT CAPACITANCE
CID
Differential
2
pF
CIC
Common-mode
5.5
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 2.7 V, (V–) + 0.15 V < VO < (V+) – 0.15 V, RL = 2 kΩ
110
dB
VS = 5.5 V, (V–) + 0.15 V < VO < (V+) – 0.15 V, RL = 2 kΩ
125
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
VS = 5 V
1
MHz
φm
Phase margin
VS = 5.5 V, G = +1
75
°
SR
Slew rate
VS = 5 V, G = +1
1.5
V/µs
tS
Settling time
To 0.1%, VS = 5 V, 2-V step, G = 1, CL = 100 pF
4
µs
To 0.01%, VS = 5 V, 2-V step, G = 1, CL = 100 pF
5
tOR
Overload recovery time
VS = 5 V, VIN × gain > VS
1
µs
THD+N
Total harmonic distortion + noise
VS = 5.5 V, VCM = 2.5 V, VO = 1 VRMS, G = 1, ƒ = 1 kHz,
80-kHz measurement BW
0.005%
OUTPUT
VOH
Voltage output swing from positive supply
RL ≥ 2 kΩ, TA = –40°C to 125°C
1
V
VOL
Voltage output swing from negative supply RL ≤ 10 kΩ, TA = –40°C to 125°C
40
75
mV
ISC
Short-circuit current
VS = 5.5 V
±40
mA
ZO
Open-loop output impedance
VS = 5 V, ƒ = 1 MHz
1200
Ω
www.ti.com
LM2902LV-Q1, LM2904LV-Q1
SBOS987B – AUGUST 2020 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM2902LV-Q1 LM2904LV-Q1


Similar Part No. - LM2902LV-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM2902LV-Q1 TI-LM2902LV-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
More results

Similar Description - LM2902LV-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM2902LV-Q1 TI-LM2902LV-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2902LV-Q1 TI-LM2902LV-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2902LV TI-LM2902LV_V01 Datasheet
3Mb / 42P
[Old version datasheet]   LM290xLV Industry Standard, Low Voltage Operational Amplifiers
FEBRUARY 2022
LM2902LV TI1-LM2902LV Datasheet
1Mb / 34P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM2902LV TI1-LM2902LV_19 Datasheet
2Mb / 40P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM321LV TI1-LM321LV Datasheet
2Mb / 44P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
SEPTEMBER 2018
LM321LV TI1-LM321LV_19 Datasheet
2Mb / 46P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
REVISED MAY 2019
LM2904-Q1 TI1-LM2904-Q1_V01 Datasheet
2Mb / 35P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V05 Datasheet
3Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2021
LM2904-Q1 TI-LM2904-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz