Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM2902LV-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part No. LM2902LV-Q1
Description  LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2902LV-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM2902LV-Q1_V02 Datasheet HTML 1Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 2Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 3Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 4Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 5Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 6Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 7Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 8Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
1 Features
• Industry standard amplifier for cost-sensitive
systems
• Low input offset voltage: ±1 mV
• Common-mode voltage range includes ground
• Unity-gain bandwidth: 1 MHz
• Low broadband noise: 40 nV/√ Hz
• Low quiescent current: 90 µA/Ch
• Unity-gain stable
• Operational at supply voltages from 2.7 V to 5.5 V
• Offered in dual- and quad-channel variants
• Robust ESD specification: 2-kV HBM, 1-kV CDM
• Extended operating temperature range: –40°C to
125°C
2 Applications
• Optimized for AEC-Q100 grade 1 applications
• Infotainment and cluster
• Passive safety
• Body electronics and lighting
• HEV/EV inverter and motor control
• On-board (OBC) and wireless charger
• Powertrain current sensor
• Advanced driver assistance systems (ADAS)
• Single-supply, low-side, unidirectional current-
sensing circuit
3 Description
The
LM290xLV-Q1
family
includes
the
dual
LM2904LV-Q1 and quad LM2902LV-Q1 operational
amplifiers, or op amps. The devices can operate in
a supply range of 2.7 V to 5.5 V.
These op amps serves as supply an alternatives
to the LM2904-Q1 and LM2902-Q1 in low-voltage
applications that are sensitive to cost. The LM290xLV-
Q1 devices provide better performance than the
LM290x-Q1 devices at low voltage and have lower
power consumption. The op amps are stable at unity
gain, and do not have phase reversal in overdrive
conditions. The design for ESD gives the LM290xLV-
Q1 family an HBM specification of 2 kV.
The LM290xLV-Q1 family is available in packages that
match industry standards. The available packages
include SOIC, VSSOP, and TSSOP packages.
Device Information
PART NUMBER (1)
PACKAGE
BODY SIZE (NOM)
LM2902LV-Q1
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
4.40 mm × 5.00 mm
SOT23 (14)
4.20 mm × 1.90 mm
LM2904LV-Q1
SOIC (8)
3.91 mm × 4.90 mm
VSSOP (8)
3.00 mm × 3.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Single-Pole, Low-Pass Filter
LM2902LV-Q1, LM2904LV-Q1
SBOS987B – AUGUST 2020 – REVISED OCTOBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM2902LV-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM2902LV-Q1 TI-LM2902LV-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
More results

Similar Description - LM2902LV-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM2902LV-Q1 TI-LM2902LV-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2902LV-Q1 TI-LM2902LV-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2902LV TI-LM2902LV_V01 Datasheet
3Mb / 42P
[Old version datasheet]   LM290xLV Industry Standard, Low Voltage Operational Amplifiers
FEBRUARY 2022
LM2902LV TI1-LM2902LV Datasheet
1Mb / 34P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM2902LV TI1-LM2902LV_19 Datasheet
2Mb / 40P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM321LV TI1-LM321LV Datasheet
2Mb / 44P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
SEPTEMBER 2018
LM321LV TI1-LM321LV_19 Datasheet
2Mb / 46P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
REVISED MAY 2019
LM2904-Q1 TI1-LM2904-Q1_V01 Datasheet
2Mb / 35P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V05 Datasheet
3Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2021
LM2904-Q1 TI-LM2904-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz