Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM2902LV-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part No. LM2902LV-Q1
Description  LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2902LV-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2902LV-Q1_V02 Datasheet HTML 7Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 8Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 9Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 10Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 11Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 12Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 13Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 14Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, V+ = 2.75 V, V– = –2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise
noted)
Frequency (Hz)
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
D018
Figure 6-12. Input Voltage Noise Spectral Density
Frequency (Hz)
-100
-90
-80
-70
-60
-50
100
1k
10k
D019
RL = 2K
RL = 10K
VS = 5.5 V
VCM = 2.5 V
G = 1
BW = 80 kHz
VOUT = 0.5 VRMS
Figure 6-13. THD + N vs Frequency
Amplitude (VRMS)
0.001
0.01
0.1
1
2
-100
-80
-60
-40
-20
0
D020
G = +1, RL = 2 k:
G = +1, RL = 10 k:
G = 1, RL = 2 k:
G = 1, RL = 10 k:
VS = 5.5 V
VCM = 2.5 V
f = 1 kHz
G = 1
BW = 80 kHz
Figure 6-14. THD + N vs Amplitude
Voltage Supply (V)
2.5
3
3.5
4
4.5
5
5.5
60
70
80
90
100
D021
Figure 6-15. Quiescent Current vs Supply Voltage
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
60
70
80
90
100
D022
Figure 6-16. Quiescent Current vs Temperature
Frequency (Hz)
0
200
400
600
800
1000
1200
1400
1600
1800
2000
1k
10k
100k
1M
10M
D023
Figure 6-17. Open-Loop Output Impedance vs Frequency
www.ti.com
LM2902LV-Q1, LM2904LV-Q1
SBOS987B – AUGUST 2020 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LM2902LV-Q1 LM2904LV-Q1


Similar Part No. - LM2902LV-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM2902LV-Q1 TI-LM2902LV-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
More results

Similar Description - LM2902LV-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM2902LV-Q1 TI-LM2902LV-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2902LV-Q1 TI-LM2902LV-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2902LV TI-LM2902LV_V01 Datasheet
3Mb / 42P
[Old version datasheet]   LM290xLV Industry Standard, Low Voltage Operational Amplifiers
FEBRUARY 2022
LM2902LV TI1-LM2902LV Datasheet
1Mb / 34P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM2902LV TI1-LM2902LV_19 Datasheet
2Mb / 40P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM321LV TI1-LM321LV Datasheet
2Mb / 44P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
SEPTEMBER 2018
LM321LV TI1-LM321LV_19 Datasheet
2Mb / 46P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
REVISED MAY 2019
LM2904-Q1 TI1-LM2904-Q1_V01 Datasheet
2Mb / 35P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V05 Datasheet
3Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2021
LM2904-Q1 TI-LM2904-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz