Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM2902LV-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Part No. LM2902LV-Q1
Description  LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2902LV-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM2902LV-Q1_V02 Datasheet HTML 11Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 12Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 13Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 14Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 15Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 16Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 17Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 18Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
After the device enters the saturation region, the charge carriers in the output transistors require time to return to
the linear state. After the charge carriers return to the linear state, the device begins to slew at the specified slew
rate. Therefore, the propagation delay (in case of an overload condition) is the sum of the overload recovery time
and the slew time. The overload recovery time for the LM290xLV-Q1 family is typically 1 µs.
7.3.4 Electrical Overstress
Designers often ask questions about the capability of an operational amplifier to withstand electrical overstress.
These questions tend to focus on the device inputs, but can also involve the supply voltage pins. Each of
these different pin functions has electrical stress limits determined by the voltage breakdown characteristics of
the particular semiconductor fabrication process and specific circuits connected to the pin. Additionally, internal
electrostatic discharge (ESD) protection is built into these circuits to protect them from accidental ESD events
both before and during product assembly.
Having a good understanding of this basic ESD circuitry and its relevance to an electrical overstress event is
helpful. Figure 7-1 shows the ESD circuits contained in the LM290xLV-Q1. The ESD protection circuitry involves
several current-steering diodes connected from the input and output pins and routed back to the internal power
supply lines, where they meet at an absorption device internal to the operational amplifier. This protection
circuitry is intended to remain inactive during normal circuit operation.
+
±
V +
+IN
± IN
OUT
Power Supply
ESD Cell
Figure 7-1. Equivalent Internal ESD Circuitry
7.3.5 EMI Susceptibility and Input Filtering
Texas Instruments has developed the ability to accurately measure and quantify the immunity of an operational
amplifier over a broad frequency spectrum extending from 10 MHz to 6 GHz. The Figure 6-28 plot illustrates
the performance of the LM290xLV-Q1 family's EMI filters across a wide range of frequencies. For more detailed
information, see EMI Rejection Ratio of Operational Amplifiers available for download from www.ti.com.
7.4 Device Functional Modes
The LM290xLV-Q1 family has a single functional mode. The devices are powered on as long as the power-
supply voltage is between 2.7 V (±1.35 V) and 5.5 V (±2.75 V).
www.ti.com
LM2902LV-Q1, LM2904LV-Q1
SBOS987B – AUGUST 2020 – REVISED OCTOBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LM2902LV-Q1 LM2904LV-Q1


Similar Part No. - LM2902LV-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM2902LV-Q1 TI-LM2902LV-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
More results

Similar Description - LM2902LV-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM2902LV-Q1 TI-LM2902LV-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2902LV-Q1 TI-LM2902LV-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2902LV TI-LM2902LV_V01 Datasheet
3Mb / 42P
[Old version datasheet]   LM290xLV Industry Standard, Low Voltage Operational Amplifiers
FEBRUARY 2022
LM2902LV TI1-LM2902LV Datasheet
1Mb / 34P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM2902LV TI1-LM2902LV_19 Datasheet
2Mb / 40P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM321LV TI1-LM321LV Datasheet
2Mb / 44P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
SEPTEMBER 2018
LM321LV TI1-LM321LV_19 Datasheet
2Mb / 46P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
REVISED MAY 2019
LM2904-Q1 TI1-LM2904-Q1_V01 Datasheet
2Mb / 35P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V05 Datasheet
3Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2021
LM2904-Q1 TI-LM2904-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz