Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM2902LV-Q1 Datasheet(PDF) 16 Page - Texas Instruments

Part No. LM2902LV-Q1
Description  LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2902LV-Q1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2902LV-Q1_V02 Datasheet HTML 12Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 13Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 14Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 15Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 16Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 17Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 18Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 19Page - Texas Instruments LM2902LV-Q1_V02 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The LM290xLV-Q1 devices are a family of low-power, cost-optimized operational amplifiers. The devices operate
from 2.7 V to 5.5 V, are unity-gain stable, and are suitable for a wide range of general-purpose automotive
applications. The input common-mode voltage range includes the negative rail, and allows the LM290xLV-Q1 to
be used in any single-supply applications.
8.2 Typical Application
Figure 8-1 shows the LM290xLV-Q1 device configured in a low-side current sensing application.
ILOAD
ZLOAD
V
BUS
VSHUNT
RSHUNT
0.1 Ÿ
RF
255 NŸ
RG
7.5 NŸ
VOUT
5 V
+
í
+
í
Figure 8-1. LM290xLV-Q1 Device in a Low-Side, Current-Sensing Application
8.2.1 Design Requirements
The design requirements for this design are:
• Load current: 0 A to 1 A
• Output voltage: 3.5 V
• Maximum shunt voltage: 100 mV
8.2.2 Detailed Design Procedure
The transfer function of the circuit in Figure 8-1 is given in Equation 1:
OUT
LOAD
SHUNT
V
I
R
Gain
u
u
(1)
The load current (ILOAD) produces a voltage drop across the shunt resistor (RSHUNT). The load current is set
from 0 A to 1 A. To keep the shunt voltage below 100 mV at maximum load current, the largest allowable shunt
resistor is shown using Equation 2:
_
_
SHUNT
MAX
SHUNT
LOAD
MAX
V
100mV
R
100m
I
1A
:
(2)
LM2902LV-Q1, LM2904LV-Q1
SBOS987B – AUGUST 2020 – REVISED OCTOBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM2902LV-Q1 LM2904LV-Q1


Similar Part No. - LM2902LV-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM2902LV-Q1 TI-LM2902LV-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
More results

Similar Description - LM2902LV-Q1_V02

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
LM2902LV-Q1 TI-LM2902LV-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2902LV-Q1 TI-LM2902LV-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   LM290xLV-Q1 Industry Standard, Low Voltage Automotive Operational Amplifiers
LM2902LV TI-LM2902LV_V01 Datasheet
3Mb / 42P
[Old version datasheet]   LM290xLV Industry Standard, Low Voltage Operational Amplifiers
FEBRUARY 2022
LM2902LV TI1-LM2902LV Datasheet
1Mb / 34P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM2902LV TI1-LM2902LV_19 Datasheet
2Mb / 40P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
LM321LV TI1-LM321LV Datasheet
2Mb / 44P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
SEPTEMBER 2018
LM321LV TI1-LM321LV_19 Datasheet
2Mb / 46P
[Old version datasheet]   Industry Standard, Low Voltage Operational Amplifiers
REVISED MAY 2019
LM2904-Q1 TI1-LM2904-Q1_V01 Datasheet
2Mb / 35P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
LM2904-Q1 TI-LM2904-Q1_V05 Datasheet
3Mb / 39P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2021
LM2904-Q1 TI-LM2904-Q1_V04 Datasheet
3Mb / 38P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz