Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KPA22A Datasheet(PDF) 1 Page - Protek Devices

Part # 15KPA22A
Description  POWER TVS COMPONENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KPA22A Datasheet(HTML) 1 Page - Protek Devices

  15KPA22A Datasheet HTML 1Page - Protek Devices 15KPA22A Datasheet HTML 2Page - Protek Devices 15KPA22A Datasheet HTML 3Page - Protek Devices 15KPA22A Datasheet HTML 4Page - Protek Devices 15KPA22A Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
15KPA17A
thru
15KPA280A
1
05024.R10 1/06
www.protekdevices.com
POWER TVS COMPONENT
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Relay Drives
✔ Motor (Start/Stop) Back EMF Protection
✔ Module Lightning Protection
✔ Secondary Lightning Protection for AC/DC
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-5 (Surge): 48A, 8/20µs - L3 (Line-Gnd), L4 (Line-Line) & L1 (Power)
FEATURES
✔ 15,000 Watts Peak Pulse Power per Line (tp=10/1000µs)
✔ Unidirectional & Bidirectional Configurations
✔ Easy Mounting to Printed Circuit Board
✔ Available in Multiple Voltage Types Ranging From: 17V to 220V
✔ RoHS Compliant in Lead-Free Versions (Exemption #7)
MECHANICAL CHARACTERISTICS
✔ Molded Case
✔ Weight 5 grams (Approximate)
✔ Flammability Rating UL 94V-0
✔ Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb, 85/15: 240-245°C
Pure-Tin - Sn, 100: 260-270°C
✔ Marking: Logo, Part Number & Date Code
✔ Positive Terminal Marked with Band - Unidirectional Only
AXIAL LEAD
APPLICATION
TYPICAL RELAY DRIVE PROTECTION
VCC


Similar Part No. - 15KPA22A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
15KPA22A LRC-15KPA22A Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
Socay Electornics Co., ...
15KPA22A SOCAY-15KPA22A Datasheet
452Kb / 5P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Weitron Technology
15KPA22A WEITRON-15KPA22A Datasheet
231Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
15KPA22A SOCAY-15KPA22A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
MDE Semiconductor, Inc.
15KPA22A MDE-15KPA22A Datasheet
29Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KPA22A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com