Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP240A Datasheet(PDF) 1 Page - Protek Devices

Part # 15KP240A
Description  POWER TVS COMPONENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KP240A Datasheet(HTML) 1 Page - Protek Devices

  15KP240A Datasheet HTML 1Page - Protek Devices 15KP240A Datasheet HTML 2Page - Protek Devices 15KP240A Datasheet HTML 3Page - Protek Devices 15KP240A Datasheet HTML 4Page - Protek Devices 15KP240A Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
15KP17A
thru
15KP280A
1
05023.R8 1/05
www.protekdevices.com
POWER TVS COMPONENT
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Relay Drives
✔ Motor (Start/Stop) Back EMF Protection
✔ Module Lightning Protection
✔ Secondary Lightning Protection for AC/DC
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-5 (Surge): 48A, 8/20µs - L3 (Line-Gnd), L4 (Line-Line) & L1 (Power)
FEATURES
✔ 15,000 Watts Peak Pulse Power per Line (tp=10/1000µs)
✔ Unidirectional & Bidirectional Configurations
✔ Easy Mounting to Printed Circuit Board
✔ Available in Multiple Voltage Types Ranging From: 17V to 220V
MECHANICAL CHARACTERISTICS
✔ Molded Case
✔ Weight 13 grams (Approximate)
✔ Flammability rating UL 94V-0
✔ Marking: Logo, Part Number & Date Code
✔ Positive Terminal Marked with Dot - Unidirectional Only
THRU-HOLE
APPLICATION
V
CC
TYPICAL RELAY DRIVE PROTECTION


Similar Part No. - 15KP240A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP240A EIC-15KP240A Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
15KP240A ETC2-15KP240A Datasheet
318Kb / 4P
   Transient Voltage Suppressor
logo
Microsemi Corporation
15KP240A MICROSEMI-15KP240A Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Shanghai Semitech Semic...
15KP240A SEMITECH-15KP240A Datasheet
485Kb / 4P
   Excellent clamping capability
logo
Littelfuse
15KP240A LITTELFUSE-15KP240A Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
More results

Similar Description - 15KP240A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com