Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT2907LT1 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LMBT2907LT1
Description  General Purpose Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2907LT1 Datasheet(HTML) 4 Page - Leshan Radio Company

  LMBT2907LT1 Datasheet HTML 1Page - Leshan Radio Company LMBT2907LT1 Datasheet HTML 2Page - Leshan Radio Company LMBT2907LT1 Datasheet HTML 3Page - Leshan Radio Company LMBT2907LT1 Datasheet HTML 4Page - Leshan Radio Company LMBT2907LT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
LO8–4/5
LMBT2907LT1
LMBT2907ALT1
C eb
TYPICAL SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE
V CE = 10 Vdc, T A = 25°C
f=1.0 kHz
50
100
200
500
1.0 k
2.0 k
5.0 k
10 k
20 k
50 k
I C = –1.0 mA, R S= 430
–500
µA, R
S= 560
–50
µA, R
S= 2.7 k
–100
µA, R
S= 1.6 k
f, FREQUENCY (kHz)
Figure 7. Frequency Effects
R S, SOURCE RESISTANCE (
Ω )
Figure 8. Source Resistance Effects
REVERSE VOLTAGE (VOLTS)
Figure 9. Capacitances
I C , COLLECTOR CURRENT (mA)
Figure 10. Current–Gain — Bandwidth Product
I C , COLLECTOR CURRENT (mA)
Figure 11. “On” Voltage
I C , COLLECTOR CURRENT (mA)
Figure 12. Temperature Coefficients
T J = 25°C
R θVB for V BE
I C = –50
µA
–100
µA
–500
µA
–1.0 mA
RS=OPTIMUM SOURCE RESISTANCE
–0.1
–0.2 –0.3
–0.5
–1.0
–2.0 –3.0
–5.0
–10
–20 –30
–1.0
–2.0
–5.0
–10
–20
–50
–100 –200
–500 –1000
–0.1 –0.2
–0.5 –1.0 –2.0
–5.0 –10
–20
–50 –100 –200
–500
+0.5
0
–0.5
– 1.0
–1.5
–2.0
–2.5
0.01 0.02
0.05 0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
10
8.0
6.0
4.0
2.0
0
10
8.0
6.0
4.0
2.0
0
C cb
30
20
10
7.0
5.0
3.0
2.0
400
300
200
100
80
60
40
30
20
VCE=–20 V
T J= 25°C
V BE(sat) @ I C /I B = 10
V CE(sat) @ I C /I B = 10
V BE(on) @ V CE = –10 V
R θVC for V CE(sat)
–0.1 –0.2
–0.5 –1.0 –2.0
–5.0 –10
–20
–50 –100 –200
–500
–1.0
–0.8
–0.6
– 0.4
–0.2
0


Similar Part No. - LMBT2907LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2907ADW1T1G LRC-LMBT2907ADW1T1G Datasheet
267Kb / 5P
   Dual General Purpose Transistor
LMBT2907ADW1T1G LRC-LMBT2907ADW1T1G_15 Datasheet
463Kb / 6P
   Dual General Purpose
LMBT2907ALT1G LRC-LMBT2907ALT1G_15 Datasheet
481Kb / 7P
   General Purpose Transistor
LMBT2907AWT1G LRC-LMBT2907AWT1G Datasheet
50Kb / 3P
   General Purpose Transistor
LMBT2907AWT1G LRC-LMBT2907AWT1G Datasheet
442Kb / 6P
   General Purpose Transistors PNP Silicon
Rev.D Nov. 2020
More results

Similar Description - LMBT2907LT1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com