Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KPA200A Datasheet(PDF) 2 Page - Protek Devices

Part # 15KPA200A
Description  POWER TVS COMPONENT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KPA200A Datasheet(HTML) 2 Page - Protek Devices

  15KPA200A Datasheet HTML 1Page - Protek Devices 15KPA200A Datasheet HTML 2Page - Protek Devices 15KPA200A Datasheet HTML 3Page - Protek Devices 15KPA200A Datasheet HTML 4Page - Protek Devices 15KPA200A Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.protekdevices.com
05024.R10 1/06
15KPA17A
thru
15KPA280A
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Peak Pulse Power (tp =10/1000µs) - See Fig. 1
Forward Surge Rating (1/20 seconds) - See Note 2
SYMBOL
VALUE
1.0
Watts
Amps
200
Watts
UNITS
15000
IF
PPP
PD
PARAMETER
Steady State Power Dissipation
-55 to +150
0
C
Storage Temperature
-55 to +150
0
C
TJ
Operating Temperature
TSTG
ELECTRICAL CHARACTERISTICS @ 25°C Unless Otherwise Specified
PART
NUMBER
(Notes 1 & 2)
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
BREAKDOWN
VOLTAGE
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ 10/1000µs
V
C @ IPP
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
15KPA17
15KPA17A
15KPA18
15KPA18A
15KPA20
15KPA20A
15KPA22
15KPA22A
15KPA24
15KPA24A
15KPA26
15KPA26A
15KPA28
15KPA28A
15KPA30
15KPA30A
15KPA33
15KPA33A
15KPA36
15KPA36A
15KPA40
15KPA40A
15KPA43
15KPA43A
15KPA45
15KPA45A
15KPA48
15KPA48A
15KPA51
15KPA51A
15KPA54
15KPA54A
15KPA58
15KPA58A
15KPA60
15KPA60A
15KPA64
15KPA64A
15KPA70
15KPA70A
17.0
17.0
18.0
18.0
20.0
20.0
22.0
22.0
24.0
24.0
26.0
26.0
28.0
28.0
30.0
30.0
33.0
33.0
36.0
36.0
40.0
40.0
43.0
43.0
45.0
45.0
48.0
48.0
51.0
51.0
54.0
54.0
58.0
58.0
60.0
60.0
64.0
64.0
70.0
70.0
18.9
18.9
20.0
20.0
22.2
22.2
24.4
24.4
26.7
26.7
28.9
28.9
31.1
31.1
33.3
33.3
36.7
36.7
40.0
40.0
44.4
44.4
47.8
47.8
50.0
50.0
53.3
53.3
56.7
56.7
60.0
60.0
64.4
64.4
66.7
66.7
71.1
71.1
77.8
77.8
32.3V @ 464.0A
29.3V @ 512.0A
34.2V @ 439.0A
30.9V @ 485.0A
37.9V @ 396.0A
34.3V @ 437.0A
41.1V @ 365.0A
37.1V @ 404.0A
45.0V @ 333.0A
40.7V @ 369.0A
48.7V @ 308.0A
44.0V @ 341.0A
52.4V @ 286.0A
47.5V @ 316.0A
56.2V @ 267.0A
50.7V @ 296.0A
60.6V @ 248.0A
54.8V @ 274.0A
66.0V @ 227.0A
59.7V @ 251.0A
72.8V @ 206.0A
65.8V @ 228.0A
77.1V @ 195.0A
69.7V @ 215.0A
80.7V @ 186.0A
73.0V @ 205.0A
85.9V @ 175.0A
77.7V @ 193.0A
91.5V @ 164.0A
82.8V @ 181.0A
96.8V @ 155.0A
87.5V @ 171.0A
104.0V @ 144.0A
94.0V @ 160.0A
107.0V @ 140.0A
97.3V @ 154.0A
115.0V @ 130.0A
104.0V @ 144.0A
126.0V @ 119.0A
114.0V @ 132.0A
5000
5000
5000
5000
1500
1500
500
500
150
150
50
50
25
25
15
15
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
19
17
20
18
24
21
27
24
30
27
32
29
35
31
27
34
42
38
46
41
51
46
55
50
57
52
62
56
66
60
70
63
76
68
78
71
84
76
92
83
MIN
V(BR)
VOLTS
50
50
50
50
20
20
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
@I
T
mA


Similar Part No. - 15KPA200A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
15KPA200A LRC-15KPA200A Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
logo
Socay Electornics Co., ...
15KPA200A SOCAY-15KPA200A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Weitron Technology
15KPA200A WEITRON-15KPA200A Datasheet
231Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
15KPA200A SPSEMI-15KPA200A Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
logo
MDE Semiconductor, Inc.
15KPA200A MDE-15KPA200A Datasheet
29Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KPA200A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A Datasheet
81Kb / 4P
   POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
   30kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com