Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT5087LT1 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LMBT5087LT1
Description  Low Noise Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT5087LT1 Datasheet(HTML) 6 Page - Leshan Radio Company

  LMBT5087LT1 Datasheet HTML 1Page - Leshan Radio Company LMBT5087LT1 Datasheet HTML 2Page - Leshan Radio Company LMBT5087LT1 Datasheet HTML 3Page - Leshan Radio Company LMBT5087LT1 Datasheet HTML 4Page - Leshan Radio Company LMBT5087LT1 Datasheet HTML 5Page - Leshan Radio Company LMBT5087LT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M17–6/6
T
J , JUNCTION TEMPERATURE (°C)
Figure 15. Typical Collector Leakage Current
V
CC = 30 V
104
103
102
101
100
10–1
10–2
–4
–2
0
+20
+40
+60
+80
+100
+120
+140
+160
I
CBO
AND
I
CEX @ V BE(off) = 3.0 V
I
CEO
DESIGN NOTE: USE OF THERMAL RESPONSE DATA
A train of periodical power pulses can be represented by
the model as shown in Figure 16. Using the model and the
device thermal response the normalized effective transient
thermal resistance of Figure 14 was calculated for various
duty cycles.
To find Z θ
JA(t) , multiply the value obtained from Figure 14 by
the steady state value R θ
JA .
Example:
Dissipating 2.0 watts peak under the following conditions:
t
1 = 1.0 ms, t 2 = 5.0 ms. (D = 0.2)
Using Figure 16 at a pulse width of 1.0 ms and D = 0.2, the
reading of r(t) is 0.22.
The peak rise in junction temperature is therefore
∆T = r(t) x P
(pk) x R
θJA = 0.22 x 2.0 x 200 = 88°C.
For more information, see AN–569.
LMBT5087LT1


Similar Part No. - LMBT5087LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT5087LT1G LRC-LMBT5087LT1G Datasheet
163Kb / 7P
   Low Noise Transistor PNP Silicon RoHS requirements.
LMBT5087LT1G LRC-LMBT5087LT1G_11 Datasheet
163Kb / 7P
   Low Noise Transistor PNP Silicon RoHS requirements.
LMBT5087LT1G LRC-LMBT5087LT1G_15 Datasheet
163Kb / 7P
   Low Noise Transistor
More results

Similar Description - LMBT5087LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT2484LT1 MOTOROLA-MMBT2484LT1 Datasheet
291Kb / 6P
   Low Noise Transistor
logo
ON Semiconductor
MMBT2484LT1G ONSEMI-MMBT2484LT1G Datasheet
196Kb / 5P
   Low Noise Transistor
August, 2009 ??Rev. 4
logo
Yea Shin Technology Co....
MMBT5087 YEASHIN-MMBT5087 Datasheet
836Kb / 7P
   Low Noise Transistor
logo
ON Semiconductor
MMBT2484LT1G ONSEMI-MMBT2484LT1G_16 Datasheet
227Kb / 5P
   Low Noise Transistor
October, 2016 ??Rev. 5
MMBT5087LT1 ONSEMI-MMBT5087LT1 Datasheet
406Kb / 8P
   Low Noise Transistor
MMBT5087L ONSEMI-MMBT5087L Datasheet
234Kb / 7P
   Low Noise Transistor
October, 2016 ??Rev. 6
logo
Fairchild Semiconductor
KST5088MTF FAIRCHILD-KST5088MTF Datasheet
62Kb / 5P
   Low Noise Transistor
KST5087MTF FAIRCHILD-KST5087MTF Datasheet
63Kb / 4P
   Low Noise Transistor
KST5088 FAIRCHILD-KST5088 Datasheet
56Kb / 5P
   Low Noise Transistor
logo
Motorola, Inc
MMBT5087LT1 MOTOROLA-MMBT5087LT1 Datasheet
406Kb / 8P
   Low Noise Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com