Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBTA92LT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBTA92LT1G
Description  HighVoltageTransistor PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBTA92LT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBTA92LT1G Datasheet HTML 1Page - Leshan Radio Company LMBTA92LT1G Datasheet HTML 2Page - Leshan Radio Company LMBTA92LT1G Datasheet HTML 3Page - Leshan Radio Company LMBTA92LT1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
LMBTA92_93LT1-1/4
1
3
2
LMBTA92LT1
LMBTA93LT1
SOT–23
High Voltage Transistor
MAXIMUM RATINGS
Rating
Symbol
LMBTA92 LMBTA93
Unit
Collector–Emitter Voltage
V CEO
–300
–200
Vdc
Collector–Base Voltage
V CBO
–300
–200
Vdc
Emitter–Base Voltage
V EBO
–5.0
Vdc
Collector Current — Continuous
I C
–500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ ,Tstg
–55 to +150
°C
Value
2
EMITTER
3
COLLECTOR
1
BASE
FEATURE
High voltage.
For Telephony or Professional communication equipment applications.
NPN complement: LMBTA42LT1,LMBTA43LT1.
Pb-Free Package is available.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
LMBTA92LT1
2D
3000/Tape&Reel
LMBTA92LT1G
2D
(Pb-Free)
3000/Tape&Reel
LMBTA93LT1
2E
3000/Tape&Reel
LMBTA93LT1G
2E
(Pb-Free)
3000/Tape&Reel
PNP Silicon
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
3. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.


Similar Part No. - LMBTA92LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA92LT1G LRC-LMBTA92LT1G Datasheet
80Kb / 4P
   HighVoltageTransistor PNP Silicon High voltage.
logo
Shanghai Leiditech Elec...
LMBTA92LT1G LEIDITECH-LMBTA92LT1G Datasheet
565Kb / 4P
   HighVoltageTransistor PNP Silicon
logo
Leshan Radio Company
LMBTA92LT1G LRC-LMBTA92LT1G_11 Datasheet
80Kb / 4P
   HighVoltageTransistor PNP Silicon High voltage.
LMBTA92LT1G LRC-LMBTA92LT1G_15 Datasheet
102Kb / 4P
   HighVoltageTransistor
More results

Similar Description - LMBTA92LT1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMBTA92LT1G LEIDITECH-LMBTA92LT1G Datasheet
565Kb / 4P
   HighVoltageTransistor PNP Silicon
logo
Leshan Radio Company
LMBTA92LT1G LRC-LMBTA92LT1G_11 Datasheet
80Kb / 4P
   HighVoltageTransistor PNP Silicon High voltage.
logo
First Silicon Co., Ltd
MMBTA92 FS-MMBTA92 Datasheet
144Kb / 4P
   HighVoltageTransistor
logo
WILLAS ELECTRONIC CORP
MMBTA9XLT1 WILLAS-MMBTA9XLT1 Datasheet
417Kb / 4P
   HighVoltageTransistor
logo
Leshan Radio Company
LMBTA92LT1G LRC-LMBTA92LT1G_15 Datasheet
102Kb / 4P
   HighVoltageTransistor
logo
SeCoS Halbleitertechnol...
BC857S SECOS-BC857S_15 Datasheet
851Kb / 2P
   PNP Silicon
logo
SHIKUES Electronics
MMBT5401 SKTECHNOLGY-MMBT5401 Datasheet
1Mb / 4P
   PNP silicon
2SA1036K SKTECHNOLGY-2SA1036K Datasheet
1Mb / 5P
   PNP Silicon
logo
Leshan Radio Company
LBTP180D3T1G LRC-LBTP180D3T1G Datasheet
1Mb / 3P
   PNP Silicon
logo
Shanghai Leiditech Elec...
L9015QLT1G LEIDITECH-L9015QLT1G Datasheet
422Kb / 4P
   PNP Silicon
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com