Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBZ5246BLT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBZ5246BLT1
Description  ZENER VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBZ5246BLT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBZ5246BLT1 Datasheet HTML 1Page - Leshan Radio Company LMBZ5246BLT1 Datasheet HTML 2Page - Leshan Radio Company LMBZ5246BLT1 Datasheet HTML 3Page - Leshan Radio Company LMBZ5246BLT1 Datasheet HTML 4Page - Leshan Radio Company LMBZ5246BLT1 Datasheet HTML 5Page - Leshan Radio Company LMBZ5246BLT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Zener Voltage Regulators
225 mW SOT–23 Surface Mount
This series of Zener diodes is offered in the convenient, surface
mount plastic SOT–23 package. These devices are designed to provide
voltage regulation with minimum space requirement. They are well
suited for applications such as cellular phones, hand held portables,
and high density PC boards.
Specification Features:
225 mW Rating on FR–4 or FR–5 Board
Zener Voltage Range – 2.4 V to 91 V
Small Package Size for High Density Applications
ESD Rating of Class 3 (>16 KV) per Human Body Model
Pb-Free Package is available.
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic case
FINISH:
Corrosion resistant finish, easily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
POLARITY:
Cathode indicated by polarity band
FLAMMABILITY RATING:
UL94 V–0
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Total Power Dissipation on FR–5 Board,
(Note 1) @ TA = 25°C
Derated above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance –
Junction–to–Ambient
RqJA
556
°C/W
Total Power Dissipation on Alumina
Substrate, (Note 2) @ TA = 25°C
Derated above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance –
Junction‘to–Ambient
RqJA
417
°C/W
Junction and Storage
Temperature Range
TJ,Tstg
–65 to
+150
°C
1. FR–5 = 1.0 X 0.75 X 0.62 in.
2. Alumina = 0.4 X 0.3 X 0.024 in., 99.5% alumina
3
Cathode
1
Anode
MARKING DIAGRAM
xxx = Specific Device Code
M
= Date Code
xxx
*2 LMBZ5233BLT1, LMBZ5246BLT1,
LMBZ5251BLT1, and LMBZ5252BLT1 Not Avail-
able in 10,000/Tape & Reel.
*1 The "T1" suffix refers to an 8 mm, 7 inch reel.
The " T3" suffix refers to an 8 mm, 13 inch reel.
1
2
3
LMBZ52xxBL
Series
LESHAN RADIO COMPANY, LTD.
LMBZ52xxBLT1–1/6
SOT-23 (TO-236AB)
Device
*1
Package
Shipping
LMBZ52xxBLT1
SOT-23
3000/Tape&Reel
LMBZ52xxBLT1G
(Pb-Free)
SOT-23
3000/Tape&Reel
LMBZ52xxBLT3
*2
SOT-23
10,000/Tape&Reel
LMBZ52xxBLT3G
(Pb-Free)
SOT-23
10,000/Tape&Reel
ORDERING INFORMATION
The " G " suffix refers to Pb-Free package.


Similar Part No. - LMBZ5246BLT1

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMBZ5246BLT1*G LEIDITECH-LMBZ5246BLT1*G Datasheet
674Kb / 6P
   Zener Voltage Regulator
More results

Similar Description - LMBZ5246BLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com