Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8261 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN8261
Description  Brushless Motor Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8261 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN8261 Datasheet HTML 1Page - Panasonic Semiconductor AN8261 Datasheet HTML 2Page - Panasonic Semiconductor AN8261 Datasheet HTML 3Page - Panasonic Semiconductor AN8261 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
s Overview
The AN8261 is a 3-phase full-wave brushless motor drive IC
and optimum for driving the air conditioner fan motors, etc.
s Features
Operating supply voltage range : VCC= 4.5 to 7V
3-phase full-wave drive, external power transistor
Built-in low-voltage protective circuit
Built-in thermal protective comparator circuit
Built-in Hall amplifiers with hysteresis
s Applications
Driving the brushless motors such as air conditioner fan
motors, etc.
AN8261
Brushless Motor Driver
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
3.8
±0.25 (3.45)
Unit : mm
6.3
±0.25
3 ~15˚
0.3
+0.1
– 0.25
7.62
±0.25
18-pin DIL Plastic Package (DIP018-P-0300D)
0.51min.
1
VCC
18
7
12
8
11
9
10
2
3
17
16
Hysteresis Amp.A
15
14
Hysteresis Amp.B
Signal Processing
Hysteresis Amp.C
TSD Hysteresis Control
13
4
GND
VREF
6
5
VCC
Monitor
Protector
s Block Diagram


Similar Part No. - AN8261

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN826 VISHAY-AN826 Datasheet
26Kb / 1P
   RECOMMENDED MINIMUM PADS FOR SC-70: 3-LEAD
20-Jun-03
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
   Fan Motor Driver
More results

Similar Description - AN8261

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11620T SANYO-LB11620T_08 Datasheet
153Kb / 13P
   Brushless Motor Driver
logo
ON Semiconductor
LB11620T-TLM-E ONSEMI-LB11620T-TLM-E Datasheet
154Kb / 13P
   Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1672NM SANYO-LB1672NM Datasheet
97Kb / 4P
   Brushless-Sensorless Motor Driver
LB1674V SANYO-LB1674V Datasheet
240Kb / 6P
   Brushless, Sensorless Motor Driver
logo
List of Unclassifed Man...
MOT-BL-DRV-120 ETC-MOT-BL-DRV-120 Datasheet
303Kb / 1P
   Brushless Motor Driver 120W
logo
Sanyo Semicon Device
LB1674M SANYO-LB1674M Datasheet
111Kb / 6P
   Brushless, Sensorless Motor Driver?
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com