Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF08-VID01C2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF08-VID01C2
Description  8 line low capacitance EMI filter and ESD protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF08-VID01C2 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF08-VID01C2 Datasheet HTML 1Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 2Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 3Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 4Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 5Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EMIF08-VID01C2
4 Ordering information
5/6
Figure 9.
Flip chip tape and reel specification
4
Ordering information
5
Revision history
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
EMIF08-VID01C2
GS
Flip Chip
7.4mg
5000
7” Tape and reel
Date
Revision
Changes
13-Jul-2005
1
Initial release.
11-Aug-2005
2
Fonts changed in Figures 7, 8, and 9.
4 +/- 0.1
4 +/- 0.1
f 1.5 +/- 0.1
User direction of unreeling
0.73 +/- 0.05
Dot identifying Pin A1 location
4 +/- 0.1
4 +/- 0.1
f 1.5 +/- 0.1
User direction of unreeling
0.73 +/- 0.05
Dot identifying Pin A1 location


Similar Part No. - EMIF08-VID01C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF08-VID01C2 STMICROELECTRONICS-EMIF08-VID01C2 Datasheet
230Kb / 6P
   8 line low capacitance EMI filter and ESD protection
EMIF08-VID01C2 STMICROELECTRONICS-EMIF08-VID01C2_06 Datasheet
230Kb / 6P
   8 line low capacitance EMI filter and ESD protection
More results

Similar Description - EMIF08-VID01C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF08-VID01F2 STMICROELECTRONICS-EMIF08-VID01F2 Datasheet
494Kb / 6P
   8 line low capacitance EMI filter and ESD protection
EMIF08-VID01C2 STMICROELECTRONICS-EMIF08-VID01C2_06 Datasheet
230Kb / 6P
   8 line low capacitance EMI filter and ESD protection
logo
ON Semiconductor
NUF8410MN ONSEMI-NUF8410MN Datasheet
60Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection
August, 2005 ??Rev. 0
NUF8401MN ONSEMI-NUF8401MN Datasheet
62Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection
June, 2005 ??Rev. 4
NUF9005MN ONSEMI-NUF9005MN Datasheet
62Kb / 4P
   Low Capacitance 8 Line EMI Filter with ESD Protection
November, 2006 ??Rev. 0
logo
STMicroelectronics
EMIF06-VID01C2 STMICROELECTRONICS-EMIF06-VID01C2 Datasheet
160Kb / 7P
   6 line low capacitance EMI filter and ESD protection
EMIF04-1502QCF STMICROELECTRONICS-EMIF04-1502QCF_05 Datasheet
130Kb / 6P
   4 LINE LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2_08 Datasheet
172Kb / 7P
   6-line IPAD, low capacitance EMI filter and ESD protection
logo
ON Semiconductor
NUF9002FC ONSEMI-NUF9002FC Datasheet
128Kb / 4P
   Low Capacitance 10 Line EMI Filter with ESD Protection
March, 2006 ??Rev. 1
NUF6406MN ONSEMI-NUF6406MN Datasheet
53Kb / 4P
   Low Capacitance 6 Line EMI Filter with ESD Protection
June, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com